Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0803341 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803341
Description  Plastic label - US-EMLP (52,5X15) - 0830301
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803341 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803341 Datasheet HTML 1Page - PHOENIX CONTACT 0803341 Datasheet HTML 2Page - PHOENIX CONTACT 0803341 Datasheet HTML 3Page - PHOENIX CONTACT 0803341 Datasheet HTML 4Page - PHOENIX CONTACT 0803341 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/gb/products/0830301
12/30/2019   Page 1 / 5
Plastic label - US-EMLP (52,5X15) - 0830301
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plastic label, Card, white, unlabeled, can be labeled with: BLUEMARK ID COLOR, BLUEMARK ID,
THERMOMARK PRIME, THERMOMARK CARD 2.0, THERMOMARK CARD, mounting type: adhesive,
lettering field size: 52.5 x 15 mm, Number of individual labels: 16
Key Commercial Data
Packing unit
10 pc
Minimum order quantity
10 pc
GTIN
GTIN
4046356715195
Weight per Piece (excluding packing)
18.080 g
Custom tariff number
39199080
Country of origin
Germany
Note
Made to Order (non-returnable)
Technical data
Dimensions
Length (b)
15 mm
Width (a)
52.5 mm
Height (c)
0.5 mm
Ambient conditions
Ambient temperature (operation)
-30 °C ... 80 °C
Recommended storage conditions
23 °C/50 % relative humidity. Storage in a dry and dark place in the
original packaging is recommended.
General
Color
white
Components
Silicone-free
Flammability rating according to UL 94
V0
Material
PVC


Similar Part No. - 0803341

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803341 PHOENIX-0803341 Datasheet
182Kb / 4P
TMP-US-MAG1 - Magazine
More results

Similar Description - 0803341

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803874 PHOENIX-0803874 Datasheet
55Kb / 2P
Plastic label - US-EMLP-HA 24 (30X15/12,5)
0803876 PHOENIX-0803876 Datasheet
57Kb / 2P
Plastic label - US-EMLP-HA 24 (30X18/8)
0803877 PHOENIX-0803877 Datasheet
58Kb / 2P
Plastic label - US-EMLP-HA 24 (30X18/8) SR
0803878 PHOENIX-0803878 Datasheet
57Kb / 2P
Plastic label - US-EMLP-HA 30 (45X10)
0830300 PHOENIX-0830300 Datasheet
57Kb / 3P
Plastic label - US-EMLP (35X15)
0830303 PHOENIX-0830303 Datasheet
57Kb / 3P
Plastic label - US-EMLP (8,8X15)
0830839 PHOENIX-0830839 Datasheet
58Kb / 3P
Plastic label - US-EMLP (17,5X15)
0830841 PHOENIX-0830841 Datasheet
54Kb / 2P
Plastic label - US-EMLP (85,6X54) RD
0830992 PHOENIX-0830992 Datasheet
58Kb / 3P
Plastic label - US-EMLP-HA (85,6X54)
0830993 PHOENIX-0830993 Datasheet
58Kb / 3P
Plastic label - US-EMLP-HA (85,6X54) SR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com