Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LW032D Datasheet(PDF) 41 Page - STMicroelectronics

Part # M58LW032D
Description  32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032D Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M58LW032D_04 Datasheet HTML 37Page - STMicroelectronics M58LW032D_04 Datasheet HTML 38Page - STMicroelectronics M58LW032D_04 Datasheet HTML 39Page - STMicroelectronics M58LW032D_04 Datasheet HTML 40Page - STMicroelectronics M58LW032D_04 Datasheet HTML 41Page - STMicroelectronics M58LW032D_04 Datasheet HTML 42Page - STMicroelectronics M58LW032D_04 Datasheet HTML 43Page - STMicroelectronics M58LW032D_04 Datasheet HTML 44Page - STMicroelectronics M58LW032D_04 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
41/50
M58LW032D
Figure 18. Erase Flowchart and Pseudo Code
Note: 1. If an error is found, the Status Register must be cleared (Clear Status Register Command) before further Program or Erase oper-
ations.
Write 20h
AI00613C
Start
Write D0h to
Block Address
Read Status
Register
YES
NO
SR7 = 1
YES
NO
SR3 = 0
NO
SR4, SR5 = 0
VPEN Invalid
Error (1)
Command
Sequence Error
Erase command:
– write 20h
– write D0h to Block Address
(A12-A17)
(memory enters read Status
Register after the Erase command)
do:
– read status register
– if Program/Erase Suspend command
given execute suspend erase loop
while SR7 = 1
If SR3 = 1, VPEN invalid error:
– error handler
If SR4, SR5 = 1, Command Sequence error:
– error handler
YES
NO
SR5 = 0
Erase
Error (1)
YES
NO
Suspend
Suspend
Loop
If SR5 = 1, Erase error:
– error handler
YES
End
YES
NO
SR1 = 0
Erase to Protected
Block Error
If SR1 = 1, Erase to Protected Block Error:
– error handler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com