Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DFR0669 Datasheet(PDF) 5 Page - DFROBOT

Part # DFR0669
Description  SKU:DFR0669
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0669 Datasheet(HTML) 5 Page - DFROBOT

  DFR0669 Datasheet HTML 1Page - DFROBOT DFR0669 Datasheet HTML 2Page - DFROBOT DFR0669 Datasheet HTML 3Page - DFROBOT DFR0669 Datasheet HTML 4Page - DFROBOT DFR0669 Datasheet HTML 5Page - DFROBOT DFR0669 Datasheet HTML 6Page - DFROBOT DFR0669 Datasheet HTML 7Page - DFROBOT DFR0669 Datasheet HTML 8Page - DFROBOT DFR0669 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Mounting Hole Pitch: 50mm, 90mm
Mounting Hole Size: 2.0mm
Tutorial
The product is a Breakout module. It adopts SPI communication and has onboard
GDI interface, which reduces the complexity of wiring and can easily display the
contents read from SD card.
Note
1. The GDI interface should be used in conjunction with the main controller board
with GDI interface
2. It is recommended to use Arduino 1.8.10 and above
3. If the SD card slot is in poor contact, it may fail to initialize. Please try to replug it.
Requirements
Hardware
DFRduino UNO R3 (https://www.dfrobot.com/product-838.html) (or similar)
x 1
3.5”480x320 TFT LCD with Capacitive Touchscreen x1
Wires
Software
Arduino IDE (https://www.arduino.cc/en/Main/Software)
DFRobot_GDL Library Files
(https://codeload.github.com/DFRobot/DFRobot_GDL/zip/master)
About how to install the library?
(https://www.arduino.cc/en/Guide/Libraries#.UxU8mdzF9H0)
DFRobot_GDL API Functions, click to find more details
(https://github.com/DFRobot/DFRobot_GDL/wiki/%E4%B8%AD%E6%96%8
7-WIKI)
Note
7/7/24, 7:12 PM
3.5”480x320 TFT LCD Capacitive Touchscreen Breakout Wiki - DFRobot
https://wiki.dfrobot.com/3.5inches_480_320_TFT_LCD_Capacitive_Touchscreen_SKU_DFR0669
5/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com