Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DFR0673 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0673
Description  Detection Range: DC 2.5V-30V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0673 Datasheet(HTML) 1 Page - DFROBOT

  DFR0673 Datasheet HTML 1Page - DFROBOT DFR0673 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTRODUCTION
This newly launched real-time voltage monitoring module is specially designed for
battery-powered smart robot cars. It aims to protect the battery by constantly
monitoring voltage so as to prevent excessive discharge.
The module detects DC voltage 2.5V to 30V. Without external power supply, it can
work directly when connected to the measured power supply. It offers 300ms/once
refresh rate and about 0.1V measure error. Apart from that, the voltage monitoring
can also play a role in voltage analysis. By observing the real-time voltage, we can
judge the relationship between the running state of a smart robot car and the
voltage, and then to further understand the working state.
Note: the module itself will consume some power, so please turn off the power
switch when stopping using your smart robot car.
SPECIFICATION
Detection Range: DC 2.5V-30V
Power Supply Range: DC 2.5V-30V(Use the measured voltage as power
supply)
Maximum Input Voltage: DC 30V(Voltage beyond this may permanently
damage the product)
Permissible Error: ±1% (when voltage>10V, error is ±0.3V; voltage<10V,±0.10)
Input Impedance: >100KΩ
Operating Current: <23mA
Refresh Rate: about 300ms once
Display Mode: 0.36”three digits LED display


Similar Part No. - DFR0673

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0672 DFROBOT-DFR0672 Datasheet
973Kb / 26P
SKU:DFR0672
7-1-22
DFR0675-EN DFROBOT-DFR0675-EN Datasheet
565Kb / 4P
Stereo Bluetooth Amplifier Board
11/4/20
More results

Similar Description - DFR0673

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB0015-03A SANYO-SB0015-03A Datasheet
58Kb / 2P
30V,15mA Detection Applications
logo
Integrated Circuit Syst...
ICS93V857YL-025T ICST-ICS93V857YL-025T Datasheet
82Kb / 10P
2.5V Wide Range Frequency Clock Driver
logo
Maxim Integrated Produc...
MAX8795A_1106 MAXIM-MAX8795A_1106 Datasheet
641Kb / 31P
TFT-LCD DC-DC Converter with Operational Amplifiers 2.5V to 5.5V Input Supply Range
Rev 4; 6/11
logo
Richtek Technology Corp...
DS8008-07 RICHTEK-DS8008-07 Datasheet
388Kb / 14P
2.5V to 5.5V Input Range
logo
Shanghai Leiditech Elec...
LP25P20T5 LEIDITECH-LP25P20T5 Datasheet
761Kb / 7P
Input Voltage Range: 2.5V to 5.5V
LP25P21T5 LEIDITECH-LP25P21T5 Datasheet
924Kb / 7P
Input Voltage Range: 2.5V to 5.5V
LP25051T5 LEIDITECH-LP25051T5 Datasheet
903Kb / 6P
Input Voltage Range: 2.5V to 5.5V
LP25151T5 LEIDITECH-LP25151T5 Datasheet
1Mb / 6P
Input Voltage Range: 2.5V to 5.5V
LP25151T5-A LEIDITECH-LP25151T5-A Datasheet
1Mb / 6P
Input Voltage Range: 2.5V to 5.5V
logo
EHAOAN.
HS438 EHAOAN-HS438 Datasheet
1Mb / 8P
Supply voltage range: 2.5V~5.5V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com