Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10R172L Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST10R172L
Description  16-BIT LOW VOLTAGE ROMLESS MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R172L Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST10R172L Datasheet HTML 10Page - STMicroelectronics ST10R172L Datasheet HTML 11Page - STMicroelectronics ST10R172L Datasheet HTML 12Page - STMicroelectronics ST10R172L Datasheet HTML 13Page - STMicroelectronics ST10R172L Datasheet HTML 14Page - STMicroelectronics ST10R172L Datasheet HTML 15Page - STMicroelectronics ST10R172L Datasheet HTML 16Page - STMicroelectronics ST10R172L Datasheet HTML 17Page - STMicroelectronics ST10R172L Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
14/68
ST10R172L - INTERRUPT AND TRAP FUNCTIONS
5
INTERRUPT AND TRAP FUNCTIONS
The architecture of the ST10R172L supports several mechanisms for fast and flexible
response to the service requests that can be generated from various sources, internal or
external to the microcontroller. Any of these interrupt requests can be programmed to be
serviced, either by the Interrupt Controller or by the Peripheral Event Controller (PEC).
In a standard interrupt service, program execution is suspended and a branch to the interrupt
service routine is performed. For a PEC service, just one cycle is ‘stolen’ from the current
CPU activity. A PEC service is a single, byte or word data transfer between any two memory
locations, with an additional increment of either the PEC source or the destination pointer. An
individual PEC transfer counter is decremented for each PEC service, except in the
continuous transfer mode. When this counter reaches zero, a standard interrupt is performed
to the corresponding source-related vector location. PEC services are very well suited, for
example, to the transmission or reception of blocks of data. The ST10R172L has 8 PEC
channels, each of which offers fast interrupt-driven data transfer capabilities.
A separate control register which contains an interrupt request flag, an interrupt enable flag
and an interrupt priority bitfield, exists for each of the possible interrupt sources. Via its related
register, each source can be programmed to one of sixteen interrupt priority levels. Once
having been accepted by the CPU, an interrupt service can only be interrupted by a higher
priority service request. For standard interrupt processing, each of the possible interrupt
sources has a dedicated vector location.
Fast external interrupt inputs are provided to service external interrupts with high precision
requirements. These fast interrupt inputs, feature programmable edge detection (rising edge,
falling edge or both edges).
Software interrupts are supported by means of the ‘TRAP’ instruction in combination with an
individual trap (interrupt) number.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com