Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

559 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 559
Description  Snap-in LED .250" (6.35 mm) Mounting Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

559 Datasheet(HTML) 1 Page - Dialight Corporation

  559 Datasheet HTML 1Page - Dialight Corporation 559 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ordering Information >
www.dialightsignalsandcomponents.com
PIN 2
Red Wire
.125
[3.17]
.500±.03
[12.7±.76]
PIN 1
Black Wire
PIN 2
Ø .281
[7.14]
.300 [7.62] min
.050 [1.27] REF
.125 ± .005
[3.17 ± 0.12]
.025 [.64]
Sq REF
.625 [15.88] max
.210
[5.33]
max
PIN 2
Green:
Cathode
PIN 1
Red: Cathode
(R/G LED)
Yellow: Cathode
(Y/G LED)
BICOLOR LED SCHEMATIC
PIN 1
SINGLE COLOR LED SCHEMATIC
PIN 1
Cathode
PIN 2
Anode
3-Leaded BiColor
GREEN WIRE
Green Anode
both R/G and Y/G LEDs
BLACK WIRE
Common Cathode
both R/G and Y/G LEDs
RED WIRE
Red Anode Yellow Anode
for R/G LED
for Y/G LED
559 Series
Snap-in LED .250" (6.35mm) Mounting Hole
Mechanical Information
Mounting Hole Size:
0.249 – 0.252" (6.32 – 6.40 mm)
Max Panel Thickness: 0.031 – 0.062" (.787 – 1.57 mm)
Mounting Torque:
N/A
Specifications
Voltage Options:
1.6 – 2.3 V DC typical
(resistor required)
5, 12, 24V DC (no resistor required)
Operating Temp:
See table
Storage Temp:
-55 °C to +100 °C (-67 °F to +212 °F)
Electrical Connection: Straight terminals for wire wrapping
or 24 AWG lead wire
Housing:
Black — UL94V-0 and enhances
LED contrast
Wire Leads:
6" or 14"
Connectors:
Available upon request
Possible Connectors: Molex 50-57-9402
AMP 3-643814-3
Terminals:
Available upon request
Possible Terminals:
Molex 16-02-0069, 16-02-077,
AMP 42067-1
Certifications & Ratings
• RoHS compliant
Application
Dialight’s 559 series LED panel mount indicator is
available with a variety of LEDs including AlInGaP
and InGaN technology for high brightness applications,
bicolor and integral resistors.
• Fan tray assemblies
• Data-center Infrastructure (Servers and Storage)
• Next-Gen Wireless Infrastructure
• Electronic Test & Measurement Instruments
• Communications Testing Equipment
• Hand held Devices
. . . and many more!
Dimensions
inches [mm]


Similar Part No. - 559

ManufacturerPart #DatasheetDescription
logo
Littelfuse
559 LITTELFUSE-559 Datasheet
117Kb / 1P
SUBMINIATURE FUSEHOLDERS
logo
Mallory performance clu...
559 MALLORY-559 Datasheet
95Kb / 4P
ELECTRONIC BREAKERLESS CONVERSION KIT
logo
France Joint
559 FRANCEJOINT-559 Datasheet
837Kb / 4P
PISTON SEALS
logo
Littelfuse
559 LITTELFUSE-559 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Adafruit Industries
559 ADAFRUIT-559 Datasheet
363Kb / 3P
Rugged Metal Pushbutton with Red LED Ring - 16mm Red Momentary
7-20-18
More results

Similar Description - 559

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
558-3001-001F DIALIGHT-558-3001-001F Datasheet
102Kb / 2P
Snap-in LED - .156' Mounting Hole Panel Mount Indicators
559-0102-001F DIALIGHT-559-0102-001F Datasheet
146Kb / 2P
Snap-in LED - .250' Mounting Hole Panel Mount Indicators
559-1101-001F DIALIGHT-559-1101-001F Datasheet
104Kb / 2P
Snap-in LED (.250' Mounting Hole) Panel Mount Indicators
559-3001-001F DIALIGHT-559-3001-001F Datasheet
182Kb / 2P
Snap-in LED - .250' Mounting Hole Panel Mount Indicators
559-5901-001F DIALIGHT-559-5901-001F Datasheet
134Kb / 2P
Snap-in LED - .250' Mounting Hole Panel Mount Indicators
558-0102-001F DIALIGHT-558-0102-001F_12 Datasheet
145Kb / 2P
558 Series Snap-in LED - .156??Mounting Hole
559-5501-001F DIALIGHT-559-5501-001F_12 Datasheet
206Kb / 2P
559 Series Snap-in LED - .250??Mounting Hole
515-0006F DIALIGHT-515-0006F Datasheet
199Kb / 1P
3mm LED Snap-In Mounting Clip
logo
Delta Electronics, Inc.
06A2D DELTA-06A2D Datasheet
2Mb / 3P
SNAP-IN MOUNTING
logo
ZF Friedrichshafen AG
E65 ZFSWITCHES-E65 Datasheet
357Kb / 3P
Snap in mounting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com