Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST21NFCA Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST21NFCA
Description  Near field communication microcontroller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST21NFCA Datasheet(HTML) 2 Page - STMicroelectronics

  ST21NFCA Datasheet HTML 1Page - STMicroelectronics ST21NFCA Datasheet HTML 2Page - STMicroelectronics ST21NFCA Datasheet HTML 3Page - STMicroelectronics ST21NFCA Datasheet HTML 4Page - STMicroelectronics ST21NFCA Datasheet HTML 5Page - STMicroelectronics ST21NFCA Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Description
ST21NFCA
2/6
1
Description
The ST21NFCA is a single chip designed for supporting 13.56 MHz contactless
communication, including Near Field Communication (NFC) functions in the three operating
modes: card emulation, reader and peer-to-peer communication.
The ST21NFCA is designed for an optimized integration on a mobile phone with the
communication links shown in Figure 1.
Figure 1.
Mobile phone communication links
This product is based on an advanced Smartcard ST21 microcontroller with 36 Kbytes of
EEPROM, 112 Kbytes of User ROM and 4 Kbytes of RAM and includes an integrated RF
Analog Front End (AFE) supporting all the contactless proximity (ISO/IEC 14443, Calypso
V1 Radio Protocol (B'), ECMA340 (NFCIP-1), and vicinity (ISO/IEC15693, ISO/IEC18000-
3Mod1) standards.
The ST21NFCA system-on-chip combines a complete hardware capability for 13.56 MHz
contactless communication with an useful embedded firmware which handles:
●
ISO/IEC 14443 A&B, Calypso V1 Radio Protocol (B'), ECMA340 (NFCIP-1), ISO/IEC
15693, ISO/IEC18000-3Mod1 in card emulation modes as well as reader modes
●
Switch modes between operating modes and RF modes
●
Host Controller Interface functions (HCI based on the ETSI specification)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com