Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STI17NF25 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STI17NF25
Description  N-channel 250V - 0.14Ω - 17A - TO-220/FP - DPAK - I2PAK Low gate charge STripFET??II Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI17NF25 Datasheet(HTML) 1 Page - STMicroelectronics

  STI17NF25 Datasheet HTML 1Page - STMicroelectronics STI17NF25 Datasheet HTML 2Page - STMicroelectronics STI17NF25 Datasheet HTML 3Page - STMicroelectronics STI17NF25 Datasheet HTML 4Page - STMicroelectronics STI17NF25 Datasheet HTML 5Page - STMicroelectronics STI17NF25 Datasheet HTML 6Page - STMicroelectronics STI17NF25 Datasheet HTML 7Page - STMicroelectronics STI17NF25 Datasheet HTML 8Page - STMicroelectronics STI17NF25 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
February 2007
Rev 1
1/17
17
■ Low gate charge
■ 100% avalanche tested
■ Exceptional dv/dt capability
Description
This Power MOSFET series realized with
STMicroelectronics unique STripFET™ process
has specifically been designed to minimize input
capacitance and gate charge. It is therefore
suitable as primary switch in advanced high-
efficiency isolated DC-DC converters.
Applications
■ Switching applications
Internal schematic diagram
General features
Type
VDSS
RDS(on)
ID
PTOT
STD17NF25
250V
< 0.165
Ω
17A
90W
STI17NF25
250V
< 0.165
Ω
17A
90W
STF17NF25
250V
< 0.165
Ω
17A
25W
STP17NF25
250V
< 0.165
Ω
17A
90W
1
2
3
1
3
TO-220
DPAK
1
2
3
1
2
3
I²PAK
TO-220FP
STI17NF25 - STD17NF25
STF17NF25 - STP17NF25
N-channel 250V - 0.14
Ω - 17A - TO-220/FP - DPAK - I2PAK
Low gate charge STripFET™ II Power MOSFET
www.st.com
Order codes
Part number
Marking
Package
Packaging
STD17NF25
17NF25
DPAK
Tape & reel
STI17NF25
17NF25
I²PAK
Tube
STF17NF25
17NF25
TO-220FP
Tube
STP17NF25
17NF25
TO-220
Tube


Similar Part No. - STI17NF25

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STI17NF25 ISC-STI17NF25 Datasheet
285Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STI17NF25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP40NF10 STMICROELECTRONICS-STP40NF10 Datasheet
479Kb / 11P
N-CHANNEL 100V - 0.024ohm - 50A TO-220/D2PAK/I2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Sep-2002
STP70NF03L STMICROELECTRONICS-STP70NF03L Datasheet
255Kb / 9P
N-CHANNEL 30V - 0.008ohm - 70A TO-220/I2PAK LOW GATE CHARGE STripFET??POWER MOSFET
Mar-2001
STP85NF3LL STMICROELECTRONICS-STP85NF3LL Datasheet
264Kb / 9P
N-CHANNEL 30V - 0.006ohm - 85A TO-220/I2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Mar-2001
STP90NF03L STMICROELECTRONICS-STP90NF03L Datasheet
274Kb / 9P
N-CHANNEL 30V - 0.0056ohm - 90A TO-220/I2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Apr-2003
STB70NF03L-1 STMICROELECTRONICS-STB70NF03L-1 Datasheet
405Kb / 11P
N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/I2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
Jun-2003
STB80NF55-06 STMICROELECTRONICS-STB80NF55-06 Datasheet
533Kb / 7P
N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
Oct-1999
STB70NF03L STMICROELECTRONICS-STB70NF03L_06 Datasheet
463Kb / 15P
N-channel 30V - 0.0075ohm - 70A - D2PAK - I2PAK - TO-220 Low gate charge STripFET™ II Power MOSFET
July 2006 Rev 10
STD16NF25 STMICROELECTRONICS-STD16NF25 Datasheet
462Kb / 16P
N-channel 250V - 0.195Ω - 13A - DPAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
16-Oct-2007
STB80NF55-06 STMICROELECTRONICS-STB80NF55-06_06 Datasheet
449Kb / 17P
N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
24-Oct-2006
STD40NF10 STMICROELECTRONICS-STD40NF10 Datasheet
379Kb / 15P
N-channel 100V - 0.025Ω - 50A TO-220 / DPAK Low gate charge STripFET??II Power MOSFET
19-Sep-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com