Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV8105 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV8105
Description  256 x 72 x 4-bit OLED passive matrix controller/driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8105 Datasheet(HTML) 1 Page - STMicroelectronics

  STV8105 Datasheet HTML 1Page - STMicroelectronics STV8105 Datasheet HTML 2Page - STMicroelectronics STV8105 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
January 2007
Rev 1
1/3
3
STV8105
256 x 72 x 4-bit OLED passive matrix controller/driver
Features
■ Supports monochrome, passive-matrix OLED
displays in different formats:
– 256 x 72 black & white
– 256 x 72 x 2-bits /4 levels of gray
– 256 x 72 x 4-bits /16 levels of gray
– 256 x 36 x 6-bits / 64 levels of gray
– 128 x 72 x 6-bits / 64 levels of gray
■ On-chip DC/DC step-up converter
■ Display power supply up to 25 V
■ Device power supply: 3.0 to 3.6 V
■ Low-power consumption suitable for battery-
operated systems
■ Column source current capability: 800 µA,
max.
■ Row sink current capability: 110 mA, max.
■ On-chip oscillator
■ Programmable gamma correction
■ Programmable display multiplexing
■ Two brightness control registers of 128 steps
each
■ 32 steps dimmer control
■ One time programmable (OTP) fuse ROM for
key configuration parameters
■ Dual scan, master/slave capability
■ Selectable 8-bit parallel as well as serial
peripheral interfaces
Description
The STV8105 is a low-power, controller/driver
“combo” IC for OLED displays. The STV8105
supports 256 columns by 72 rows with 16 levels
of gray for monochrome and 2 x 128 columns by
72 rows with 16 levels of gray for “two” color
displays. It can control a display of 128 columns
by 72 rows or 256 columns by 36 rows with 64
levels of gray in monochrome mode.
The STV8105 provides all necessary functions in
a single chip, including on-chip supply control and
bias current generators, resulting in a minimum of
external components and in very low-power
consumption.
The STV8105 communicates with the system via
fully configurable interfaces (parallel or serial) to
ease interfacing with the host microcontroller. The
STV8105 has a set of command and control
registers that can be addressed by these
interfaces.
www.st.com


Similar Part No. - STV8105

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV8102 STMICROELECTRONICS-STV8102 Datasheet
45Kb / 3P
128 x 64 OLED passive matrix controller/driver
15-Jan-2007
STV8102/WPB3 STMICROELECTRONICS-STV8102/WPB3 Datasheet
45Kb / 3P
128 x 64 OLED passive matrix controller/driver
15-Jan-2007
STV8102C/ST-A STMICROELECTRONICS-STV8102C/ST-A Datasheet
45Kb / 3P
128 x 64 OLED passive matrix controller/driver
15-Jan-2007
More results

Similar Description - STV8105

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV8102 STMICROELECTRONICS-STV8102 Datasheet
45Kb / 3P
128 x 64 OLED passive matrix controller/driver
15-Jan-2007
logo
Vishay Siliconix
OLED-256Y064B-LPP3N00000 VISHAY-OLED-256Y064B-LPP3N00000 Datasheet
209Kb / 14P
256 x 64 Graphic OLED
17-Aug-17
OLED-256Y064B-SPP3N00000 VISHAY-OLED-256Y064B-SPP3N00000 Datasheet
339Kb / 26P
256 x 64 Graphic OLED
13-Oct-16
OLED-256Y064B-WPP3N00000 VISHAY-OLED-256Y064B-WPP3N00000 Datasheet
340Kb / 26P
256 x 64 Graphic OLED
13-Oct-16
OLED-256Y064D-GPP3N00000 VISHAY-OLED-256Y064D-GPP3N00000 Datasheet
426Kb / 26P
256 x 64 Graphic OLED
13-Oct-16
OLED-256Y064D-LPP3N00000 VISHAY-OLED-256Y064D-LPP3N00000 Datasheet
214Kb / 14P
256 x 64 Graphic OLED
17-Aug-17
OLED-256Y064A-BPP3N00000 VISHAY-OLED-256Y064A-BPP3N00000 Datasheet
352Kb / 25P
256 x 64 Graphic OLED
13-Oct-16
OLED-256Y064A-GPP3N00000 VISHAY-OLED-256Y064A-GPP3N00000 Datasheet
371Kb / 25P
256 x 64 Graphic OLED
13-Oct-16
OLED-256Y064A-RPP3N00000 VISHAY-OLED-256Y064A-RPP3N00000 Datasheet
402Kb / 25P
256 x 64 Graphic OLED
13-Oct-16
OLED-256Y064B-GPP3N00000 VISHAY-OLED-256Y064B-GPP3N00000 Datasheet
364Kb / 26P
256 x 64 Graphic OLED
13-Oct-16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com