Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10C167-Q6 Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST10C167-Q6
Description  16-BIT ROMLESS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10C167-Q6 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST10C167-Q6 Datasheet HTML 21Page - STMicroelectronics ST10C167-Q6 Datasheet HTML 22Page - STMicroelectronics ST10C167-Q6 Datasheet HTML 23Page - STMicroelectronics ST10C167-Q6 Datasheet HTML 24Page - STMicroelectronics ST10C167-Q6 Datasheet HTML 25Page - STMicroelectronics ST10C167-Q6 Datasheet HTML 26Page - STMicroelectronics ST10C167-Q6 Datasheet HTML 27Page - STMicroelectronics ST10C167-Q6 Datasheet HTML 28Page - STMicroelectronics ST10C167-Q6 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
ST10R167
25/63
High Speed Synchronous Serial Channel (SSC)
The High-Speed Synchronous Serial Interface
SSC
provides
flexible
high-speed
serial
communication between the ST10R167 and other
microcontrollers,
microprocessors
or
external
peripherals.
The SSC supports full-duplex and half-duplex
synchronous communication; The serial clock
signal can be generated by the SSC itself (master
mode) or be received from an external master
(slave mode). Data width, shift direction, clock
polarity and phase are programmable. This allows
communication
with
SPI-compatible
devices.
Transmission
and
reception
of
data
is
double-buffered. A 16-bit Baud rate generator
provides the SSC with a separate serial clock
signal. The serial channel SSC has its own
dedicated 16-bit Baud rate generator with 16-bit
reload capability, allowing Baud rate generation
independent from the timers.
SSCBR is the dual-function Baud Rate Generator/
Reload register. Table 11 lists some possible
Baud rates against the required reload values and
the resulting bit times for a 25MHz CPU clock.
Table 11 : Synchronous Baud rate and reload values
Baud Rate
Bit Time
Reload Value
Reserved use a reload value > 0.
---
0000H
5M Baud
200ns
0001H
3.3M Baud
303ns
0002H
2.5M Baud
400ns
0004H
2M Baud
500ns
0005H
1M Baud
1
µs
000BH
100K Baud
10
µs
007CH
10K Baud
100
µs
04E1H
1K Baud
1ms
30D3H
190.7 Baud
5.2ms
FFF FH
XIII - SERIAL CHANNELS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com