Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN9313 Datasheet(PDF) 32 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 32 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 28Page - SMSC Corporation LAN9313 Datasheet HTML 29Page - SMSC Corporation LAN9313 Datasheet HTML 30Page - SMSC Corporation LAN9313 Datasheet HTML 31Page - SMSC Corporation LAN9313 Datasheet HTML 32Page - SMSC Corporation LAN9313 Datasheet HTML 33Page - SMSC Corporation LAN9313 Datasheet HTML 34Page - SMSC Corporation LAN9313 Datasheet HTML 35Page - SMSC Corporation LAN9313 Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
32
SMSC LAN9313/LAN9313i
DATASHEET
Note 3.3
When used as an output, the pin(s) input buffer(s) and pull-down(s) are disabled.
11
MII Receive
Data Valid
RXDV
IS/O8
(PD)
Note 3.3
MII Receive Data Valid: Indicates valid data on
RXD[3:0].
In MAC mode, this signal is input from an
external PHY.
In PHY mode, this signal is output to an external
MAC. See Note 3.3.
10
MII Receive
Clock
RXCLK
IS/O12
(PD)
Note 3.3
MII Receive Clock:
In MAC mode, this is the receiver clock input from
an external PHY.
In PHY mode, this is the receiver clock output to
an external MAC. See Note 3.3.
12
MII
Management
Data
MDIO
IS/O8
Note 3.5
MII Management Data:
In SMI/MII slave management modes, this signal
is the management data to/from an external
master.
In MII master management modes, this signal is
the management data to/from an external PHY.
See Note 3.5
15
MII
Management
Clock
MDC
IS/O8
Note 3.6
MII Management Clock:
In SMI/MII slave management modes, this is the
management clock input from an external master.
In MII master management modes, this is the
management clock output to an external PHY.
See Note 3.6.
60
MII Port
Duplex
MII_DUPLEX
IS
(PU)
Note 3.7
MII Port Duplex: This pin sets the duplex of the
MII port. Its’ value can be changed at any time (live
value) and can be overridden by disabling the
Auto-Negotiation (VPHY_AN) bit in the Virtual PHY
Basic Control Register (VPHY_BASIC_CTRL) of
the Virtual PHY.
In MAC mode, this signal is typically tied to the
duplex indication from the external PHY.
In PHY mode, this signal is typically tied high or low
as needed.
The polarity of this signal depends upon the
duplex_pol_strap_mii strap. If duplex_pol_strap_mii
is 0, a MII_DULPEX value of 0 indicates full duplex,
and 1 indicates half duplex. If duplex_pol_strap_mii
is 1, a MII_DULPEX value of 1 indicates full duplex,
and 0 indicates half duplex.
Table 3.4 LAN Port 0(External MII) Pins (continued)
PIN
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com