Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

575T20DF Datasheet(PDF) 1 Page - CTS Corporation

Part # 575T20DF
Description  Temperature Compensated Crystal Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

575T20DF Datasheet(HTML) 1 Page - CTS Corporation

  575T20DF Datasheet HTML 1Page - CTS Corporation 575T20DF Datasheet HTML 2Page - CTS Corporation 575T20DF Datasheet HTML 3Page - CTS Corporation 575T20DF Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document No. 008-0307-0
Page 1 - 4
Rev. A
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
٠ ٠ ٠ www.ctscorp.com ٠ ٠ ٠
Model 575
Temperature Compensated Crystal Oscillator
FEATURES
• 7x5mm Surface Mount Footprint
• Clipped Sinewave Output
• Frequency Range 10 – 36 MHz
• Frequency Stability, several options to choose
from, ±0.5 ppm to ±5 ppm
• +2.8Vdc,+3.0Vdc,+3.3Vdc,+5.0Vdc Operation
• Voltage Control for Frequency Tuning
• Operating Temperature to –40°C to +85°C
• Tape & Reel Packaging
• RoHS/Green Compliant
ORDERING INFORMATION
{VCON: 1.5Vdc ± 1.0Vdc}
H = -10°C to +60°C
C = -20°C to +70°C
D = -30°C to +85°C
I = -40°C to +85°C
FREQUENCY STABILITY *
* Frequency vs. Temperature
05 = ± 0.5 ppm (-10°C to +60°C only)
10 = ± 1.0 ppm
15 = ± 1.5 ppm
20 = ± 2.0 ppm
25 = ± 2.5 ppm
30 = ± 3.0 ppm
40 = ± 4.0 ppm
50 = ± 5.0 ppm
T = +2.8Vdc
R = +3.0Vdc
L = +3.3Vdc
S = +5.0Vdc
SUPPLY VOLTAGE
575
M
FREQUENCY IN MHz
OPERATING TEMPERATURE RANGE
M - indicates MHz and decimal point.
Frequency is recorded with minimum 4
significant digits to the right of the "M".
AFC RANGE
E = ± 15 ppm
F = ± 20 ppm
G = ± 25 ppm
T = TCXO (no AFC)
A = ± 5 ppm
B = ± 8 ppm
C = ± 10 ppm
D = ± 12 ppm
Example Part Number: 575L20DA19M4400
DESCRIPTION
The Model 575 is a Voltage Controlled
Temperature Compensated Crystal Oscillator
(VCTCXO) offering reduced size, low power
consumption and enhanced frequency stability.
The M575 is the perfect choice for today’s
compact or portable wireless communications
applications that require tight frequency control.


Similar Part No. - 575T20DF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
575 LITTELFUSE-575 Datasheet
92Kb / 1P
SUBMINIATURE FUSEHOLDERS
575 LITTELFUSE-575 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Adafruit Industries
575 ADAFRUIT-575 Datasheet
119Kb / 2P
Panel Volt Meter - 4.5V to 30VDC
7/22/2015
logo
MG Chemicals
575 MG-CHEMICALS-575 Datasheet
266Kb / 4P
Copper Clad Boards 500 Series Technical Data Sheet
16 March 2017 / Ver. 2.01
logo
Intersil Corporation
575-4 INTERSIL-575-4 Datasheet
2Mb / 9P
ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
December 6, 2012
More results

Similar Description - 575T20DF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZC503 ETC1-ZC503 Datasheet
2Mb / 4P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
CSX-532T ETC1-CSX-532T Datasheet
110Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Vectron International, ...
TX-400 VECTRON-TX-400_10 Datasheet
363Kb / 5P
Temperature Compensated Crystal Oscillator
TX-703 VECTRON-TX-703 Datasheet
250Kb / 5P
Temperature Compensated Crystal Oscillator
TX-550 VECTRON-TX-550 Datasheet
435Kb / 6P
Temperature Compensated Crystal Oscillator
VT-822 VECTRON-VT-822 Datasheet
204Kb / 5P
Temperature Compensated Crystal Oscillator
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Vanlong Technology Co.,...
TO520 VANLONG-TO520_13 Datasheet
45Kb / 1P
Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com