Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THAT1240 Datasheet(PDF) 2 Page - THAT Corporation All rights reserved.

Part # THAT1240
Description  Balanced Line Receiver ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

THAT1240 Datasheet(HTML) 2 Page - THAT Corporation All rights reserved.

  THAT1240 Datasheet HTML 1Page - THAT Corporation All rights reserved. THAT1240 Datasheet HTML 2Page - THAT Corporation All rights reserved. THAT1240 Datasheet HTML 3Page - THAT Corporation All rights reserved. THAT1240 Datasheet HTML 4Page - THAT Corporation All rights reserved. THAT1240 Datasheet HTML 5Page - THAT Corporation All rights reserved. THAT1240 Datasheet HTML 6Page - THAT Corporation All rights reserved. THAT1240 Datasheet HTML 7Page - THAT Corporation All rights reserved. THAT1240 Datasheet HTML 8Page - THAT Corporation All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Document 600035 Rev 04
Page 2 of 8
THAT 1240 Series
Balanced Line Receiver ICs
THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2008, THAT Corporation
Supply Voltages (VCC - VEE)40V
Maximum In- or In+ Voltage
-50V + VCC, 50V + VEE
Max/Min Ref or Sense Voltage
VCC + 0.5V, VEE - 0.5V
Maximum Output Voltage (VOM)VCC + 0.5V, VEE - 0.5V
Storage Temperature Range (TST)
-40 to +125 ºC
Operating Temperature Range (TOP)
0 to +85 ºC
Output Short-Circuit Duration (tSH)
Continuous
Junction Temperature (TJ)
+125 ºC
Absolute Maximum Ratings2,3
SPECIFICATIONS1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Current
ICC
No signal
—
2.0
2.8
mA
Supply Voltage
VCC-VEE
6
—
36
V
Input Voltage Range
VIN-DIFF
Differential (equal and opposite swing)
1240 (0dB gain)
—
21.5
—
dBu
1243 (-3dB gain)
—
24.4
—
dBu
1246 (-6dB gain)
—
27.5
—
dBu
VIN-CM
Common Mode
1240 (0dB gain)
—
27.5
—
dBu
1243 (-3dB gain)
—
29.1
—
dBu
1246 (-6dB gain)
—
31
—
dBu
Input Impedance5
ZIN-DIFF
Differential
1240 (0dB gain)
—
18
—
k
Ω
1243 (-3dB gain)
—
21
—
k
Ω
1246 (-6dB gain)
—
24
—
k
Ω
ZIN-CM
Common Mode
All versions
—
18
—
k
Ω
Common Mode Rejection Ratio CMRR
Matched source impedances; VCM = ±10V
DC
70
90
—
dB
60Hz
70
90
—
dB
20kHz
—
85
—
dB
Power Supply Rejection Ratio6
PSRR
±3V to ±18V; VCC = -VEE; all gains
—
90
—
dB
Total Harmonic Distortion
THD
VIN_DIFF = 10dBV, f = 1kHz, BW = 22kHz, RL = 2 k
Ω
—
0.0006
—
%
Output Noise
eOUT
22 Hz to 22kHz bandwidth
1240 (0dB gain)
—
-104
—
dBu
1243 (-3dB gain)
—
-105
—
dBu
1246 (-6dB gain)
—
-106
—
dBu
Slew Rate
SR
RL = 2k
Ω; CL = 300 pF, all gains
7
12
—
V/
μs
Electrical Characteristics2,4
1. All specifications are subject to change without notice.
2. Unless otherwise noted, TA=25ºC, VCC=+15V, VEE= -15V.
3. Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only; the functional operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not impli ed. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
4. 0 dBu = 0.775 Vrms.
5. While specific resistor ratios are very closely trimmed, absolute resistance values can vary ±25% from the typical values show n. Input impedance is
monitored by lot sampling.
6. Defined with respect to differential gain.
7. Parameter guaranteed over the entire range of power supply and temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com