Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

575L20DF Datasheet(PDF) 4 Page - CTS Corporation

Part # 575L20DF
Description  Temperature Compensated Crystal Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

575L20DF Datasheet(HTML) 4 Page - CTS Corporation

  575L20DF Datasheet HTML 1Page - CTS Corporation 575L20DF Datasheet HTML 2Page - CTS Corporation 575L20DF Datasheet HTML 3Page - CTS Corporation 575L20DF Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Document No. 008-0307-0
Page 4 - 4
Rev. A
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
Model 575
7x5mm Ceramic Package
Clipped Sinewave VCTCXO
QUALITY AND RELIABILITY
Quality systems meet or exceed the requirements of ISO 9000:2000 standards.
TAPE AND REEL INFORMATION
DIMENSIONS IN MILLIMETERS
DIRECTION OF FEED
5.40
7.90
8.40
5.70
16.0
8.0
4.0
Ø1.50
1.75
2.10
2.40
Ø23
Ø180
Ø60
Ø13
120°
17.5
2.0
Device quantity is 1,000 pieces per 180mm reel.
ENVIRONMENTAL SPECIFICATIONS
Temperature Cycle:
200 cycles from –55°C to +125°C, 10 minute dwell at each temperature, 1
minute transfer time between temperatures.
Mechanical Shock:
1,500g’s, 0.5mS duration, ½ sinewave, 3 shocks each direction along 3
mutually perpendicular planes (18 total shocks).
Sinusoidal Vibration:
0.06 inches double amplitude, 10 to 55 Hz and 20g’s, 55 to 2,000 Hz, 3 cycles
each in 3 mutually perpendicular planes (9 times total).
Gross Leak:
No leak shall appear while immersed in an FC40 or equivalent liquid at
+125°C for 20 seconds.
Fine Leak:
Mass spectrometer leak rates less than 2x10-8 ATM cc/sec air equivalent.
Resistance to Solder Heat:
Product must survive 3 reflows of +260°C peak, 10 seconds maximum.
Temperature and Humidity:
85°C, 85% R.H., full bias, 500 hours.
High Temperature Operating Bias:
2,000 hours at +125°C, maximum bias, disregarding frequency shift.
Frequency Aging:
1,000 hours at +85°C, full bias, less than ±1 ppm shift.
Moisture Sensitivity Level:
Level 1 per JEDEC J-STD-020.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com