Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC157ADB112 Datasheet(PDF) 4 Page - THAT Corporation All rights reserved.

Part # 74LVC157ADB112
Description  THAT 626x 2-Channel Digitally-Controlled Mic Preamp-ADC Driver Demonstration System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

74LVC157ADB112 Datasheet(HTML) 4 Page - THAT Corporation All rights reserved.

  74LVC157ADB112 Datasheet HTML 1Page - THAT Corporation All rights reserved. 74LVC157ADB112 Datasheet HTML 2Page - THAT Corporation All rights reserved. 74LVC157ADB112 Datasheet HTML 3Page - THAT Corporation All rights reserved. 74LVC157ADB112 Datasheet HTML 4Page - THAT Corporation All rights reserved. 74LVC157ADB112 Datasheet HTML 5Page - THAT Corporation All rights reserved. 74LVC157ADB112 Datasheet HTML 6Page - THAT Corporation All rights reserved. 74LVC157ADB112 Datasheet HTML 7Page - THAT Corporation All rights reserved. 74LVC157ADB112 Datasheet HTML 8Page - THAT Corporation All rights reserved. 74LVC157ADB112 Datasheet HTML 9Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
THAT 626x DEMO Datasheet
Page 4 of 20
Document 600194 Rev 00
THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2018, THAT Corporation; All rights reserved
626x Demo Board Specifications1,2,3
Parameter
Symbol
Typical
Units
Power Supply Voltage (bipolar mode)
(unipolar mode)
V+ - V-
V+, GND
± 5
+10
V
Power Supply Current
(bipolar mode)
I(V+)
I(V-)
0.25, both channels disabled
7, both channels enabled
25, both channels enabled, all LEDs on
0.25, both channels disabled
5, both channels enabled
5, both channels enabled, all LEDs on
mA
Power Supply Current
(unipolar mode)
I(V+)
6, both channels disabled
13, both channels enabled
31, both channels enabled, all LEDs on
mA
Maximum Input Level - Mic Input
(V+ /V- =
±5V,0.15% THD)
VIN-BAL
+16.5
dBu
Maximum Input Level - Line Input
(V+ /V- =
±5V,0.15% THD)
VIN, LINE INPUT
+26.5
dBu
Gain (input to output)
AdB
-8 to +34 (step size depends on variant)
dB
Gain error (all settings)
Aerr
±0.3 (typical)
dB
Total Harmonic Distortion + Noise
(f = 1 kHz; BW = 20 kHz)
THD+N
0.08 (-8dB gain, 2 Vrms Out)
0.0015 (+10dB gain,2 Vrms Out )
0.003 (+34dB gain, 2 Vrms Out)
%
Equivalent Input Noise, Main Output
(RSOURCE=150 , BW=20kHz)
EIN
-127.0 (+34dB gain)
-118.5 (+10dB gain)
-102.5 (-8dB gain)
dBu
Channel Separation
(any combination of gain settings,
RSOURCE=150 , BW=20kHz)
-110 (1 kHz)
-92 (20 kHz)
dB
Frequency Response
± 0.5dB, 25Hz to 20kHz, Re:1kHz
-1.5dB typical at 20Hz, +4dB gain
-2.5 dB typical at 20 Hz, +34dB gain
1. All specifications are subject to change without notice.
2. Unless otherwise specified, TA=25ºC, VA+=+5V, VA-=-5V, VD=+3.3V, VAD=+5V
3. Specifications listed are for the THAT6261 version. Specifications for the THAT6263 and THAT6266 demo board
versions are very similar. See the THAT6261, THAT6263, and THAT6266 data sheets for full details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com