Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VL6522 Datasheet(PDF) 11 Page - STMicroelectronics

Part # VL6522
Description  VGA resolution USB2.0 web camera sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6522 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VL6522 Datasheet HTML 7Page - STMicroelectronics VL6522 Datasheet HTML 8Page - STMicroelectronics VL6522 Datasheet HTML 9Page - STMicroelectronics VL6522 Datasheet HTML 10Page - STMicroelectronics VL6522 Datasheet HTML 11Page - STMicroelectronics VL6522 Datasheet HTML 12Page - STMicroelectronics VL6522 Datasheet HTML 13Page - STMicroelectronics VL6522 Datasheet HTML 14Page - STMicroelectronics VL6522 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
VL6522
Detailed description
11/35
4
Detailed description
4.1
Image data pipeline (IDP)
4.1.1
Overview
The video processing blocks included in the VL6522 IDP are listed below:
Dark level compensation
Flicker cancellation
Statistics
Lens shading correction
Channel offset
Channel gain
Defect correction
Interpolation
Color matrix
Sharpening
Gamma correction
RGB to YUV 422
Automatic frame rate control
Fade to black
4.1.2
Dark level compensation
A dedicated DSP uses information from special dark lines within the pixel array to apply an
offset to the video data and ensure a consistent ‘black’ level.
4.1.3
Flicker cancellation
The 50/60 Hz flicker frequency present in the lighting (due to fluorescent lighting) can be
cancelled by the system.
4.1.4
Statistics
The function of the statistics processor is to gather statistics on Bayer IDP data. The
statistics are made available to the Imaging Control Bus Host for tasks such as automatic
exposure control and white balance.
4.1.5
Lens shading correction
The lens shading correction module is used to reduce the visible effect of vignetting where
inherent problems in lens design can cause non-uniformities in levels of light transmission
across the image plane. The extent of transmission loss is primarily a function of lens quality
and fabrication tolerances, but generally increases radially from the lens’ optical centre
towards the edges of the scene.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com