Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8580 Datasheet(PDF) 95 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 95 Page - Wolfson Microelectronics plc

Back Button WM8580_08 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 99Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 103 page
background image
Production Data
WM8580
w
PD Rev 4.5 February 2008
95
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2
CPY_N
-
Recovered Channel Status bit-2.
0 = Copyright is asserted for this data.
1 = Copyright is not asserted for this data.
Note this signal is inverted and will cause an interrupt on logic 0.
3
DEEMPH
-
Recovered Channel Status bit-3
0 = Recovered S/PDIF data has no pre-emphasis.
1 = Recovered S/PDIF data has pre-emphasis
5:4
REC_FREQ
[1:0]
--
Indicates recovered S/PDIF clock frequency:
00 = Invalid
01 = 96kHz / 88.2kHz
10 = 48kHz / 44.1kHz
11 = 32kHz
6
UNLOCK
-
Indicates that the S/PDIF Clock Recovery circuit is unlocked or
that the input S/PDIF signal is not present.
0 = Locked onto incoming S/PDIF stream.
1 = Not locked to the incoming S/PDIF stream or the incoming
S/PDIF stream is not present.
0
PWDN
0
Chip Powerdown Control (works in tandem with the other
powerdown registers):
0 = All digital circuits running, outputs are active
1 = All digital circuits in power save mode, outputs muted
1
ADCPD
1
ADC powerdown:
0 = ADC enabled
1 = ADC disabled
4:2
DACPD[2:0]
111
DAC powerdowns (0 = DAC enabled, 1 = DAC disabled)
DACPD[0] = DAC1
DACPD[1] = DAC2
DACPD[2] = DAC3
R50
PWRDN 1
32h
6
ALLDACPD
1
Overrides DACPD[3:0]
0 = DACs under control of DACPD[3:0]
1= All DACs are disabled.
0
OSCPD
0
OSC power down
0 = OSC enabled
1 = OSC disabled
1
PLLAPD
1
0 = PLLA enabled
1 = PLLA disabled
2
PLLBPD
1
0 = PLLB enable
1 = PLLB disable
3
SPDIFPD
1
S/PDIF Clock Recovery PowerDown
0 = S/PDIF enabled
1 = S/PDIF disabled
4
SPDIFTXD
1
S/PDIF Transmitter powerdown
0 = S/PDIF Transmitter enabled
1 = S/PDIF Transmitter disabled
R51
PWRDN 2
33h
5
SPDIFRXD
1
S/PDIF Receiver powerdown
0 = S/PDIF Receiver enabled
1 = S/PDIF Receiver disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com