Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMPF0100NPAEPR2 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MMPF0100NPAEPR2
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100NPAEPR2 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MMPF0100NPAEPR2 Datasheet HTML 9Page - NXP Semiconductors MMPF0100NPAEPR2 Datasheet HTML 10Page - NXP Semiconductors MMPF0100NPAEPR2 Datasheet HTML 11Page - NXP Semiconductors MMPF0100NPAEPR2 Datasheet HTML 12Page - NXP Semiconductors MMPF0100NPAEPR2 Datasheet HTML 13Page - NXP Semiconductors MMPF0100NPAEPR2 Datasheet HTML 14Page - NXP Semiconductors MMPF0100NPAEPR2 Datasheet HTML 15Page - NXP Semiconductors MMPF0100NPAEPR2 Datasheet HTML 16Page - NXP Semiconductors MMPF0100NPAEPR2 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 136 page
background image
NXP Semiconductors
13
PF0100
GENERAL PRODUCT CHARACTERISTICS
4.3.2
Current consumption
Table 9. Current consumption summary
TMIN to TMAX (See Table 3), VIN = 3.6 V, VDDIO = 1.7 V to 3.6 V, LICELL = 1.8 V to 3.3 V, VSNVS = 3.0 V, typical external component
values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VDDIO = 3.3 V, LICELL = 3.0 V, VSNVS = 3.0 V and
25 °C, unless otherwise noted.
Mode
PF0100 conditions
System conditions
Typical
MAX
Unit
Notes
Coin Cell
VSNVS from LICELL
All other blocks off
VIN = 0.0 V
VSNVSVOLT[2:0] = 110
No load on VSNVS
4.0
7.0
μA
(17),(19),
(23)
Off
MMPF0100
VSNVS from VIN or LICELL
Wake-up from PWRON active
32 k RC on
All other blocks off
VIN
≥ UVDET
No load on VSNVS, PMIC able to wake-up
16
21
μA
(18),(19)
Off
MMPF0100A
VSNVS from VIN or LICELL
Wake-up from PWRON active
32 k RC on
All other blocks off
VIN
≥ UVDET
No load on VSNVS, PMIC able to wake-up
17
25
μA
(18),(19)
Sleep
VSNVS from VIN
Wake-up from PWRON active
Trimmed reference active
SW3A/B PFM
Trimmed 16 MHz RC off
32 k RC on
VREFDDR disabled
No load on VSNVS. DDR memories in self
refresh
122
122
220(22)
250(21)
μA
(19)
Standby
MMPF0100
VSNVS from either VIN or LICELL
SW1A/B combined in PFM
SW1C in PFM
SW2 in PFM
SW3A/B combined in PFM
SW4 in PFM
SWBST off
Trimmed 16 MHz RC enabled
Trimmed reference active
VGEN1-6 enabled
VREFDDR enabled
No load on VSNVS. Processor enabled in
low power mode. All rails powered on
except boost (load = 0 mA)
297
297
450 (20)
1000 (22)
μA
(19)
Standby
MMPF0100A
VSNVS from either VIN or LICELL
SW1A/B combined in PFM
SW1C in PFM
SW2 in PFM
SW3A/B combined in PFM
SW4 in PFM
SWBST off
Trimmed 16 MHz RC enabled
Trimmed reference active
VGEN1-6 enabled
VREFDDR enabled
No load on VSNVS. Processor enabled in
low power mode. All rails powered on
except boost (load = 0 mA)
297
297
450 (22)
550(21)
μA
(19)
Notes
17.
Refer to Figure 4 for coin cell mode characteristics over temperature.
18.
When VIN is below the UVDET threshold, in the range of 1.8 V
≤ VIN < 2.65 V, the quiescent current increases by 50 μA, typically.
19.
For PFM operation, headroom should be 300 mV or greater.
20.
From 0 °C to 85 °C
21.
From -40 °C to 105 °C, applicable only to extended industrial parts.
22.
From -40 °C to 85 °C, applicable to consumer, industrial and extended industrial part numbers.
23.
Additional current may be drawn in the coin cell mode when RESETBMCU is pulled up to VSNVS due an internal path from RESETBMCU to VIN.
The additional current is < 30
μA with a pull up resistor of 100 kΩ. The i.MX 6x processors have an internal pull up from the POR_B pin to the
VDD_SNVS_IN pin. For i.MX 6x applications, if additional current in the coin cell mode is not desired, use an external switch to disconnect the
RESETBMCU path when VIN is removed. For non-i.MX 6 applications, pull-up RESETBMCU to a rail off in the coin cell mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com