Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2600AMBA0AD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MFS2600AMBA0AD
Description  Safety System Basis Chip with Low Power for ASIL D / ASIL B
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2600AMBA0AD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MFS2600AMBA0AD Datasheet HTML 4Page - NXP Semiconductors MFS2600AMBA0AD Datasheet HTML 5Page - NXP Semiconductors MFS2600AMBA0AD Datasheet HTML 6Page - NXP Semiconductors MFS2600AMBA0AD Datasheet HTML 7Page - NXP Semiconductors MFS2600AMBA0AD Datasheet HTML 8Page - NXP Semiconductors MFS2600AMBA0AD Datasheet HTML 9Page - NXP Semiconductors MFS2600AMBA0AD Datasheet HTML 10Page - NXP Semiconductors MFS2600AMBA0AD Datasheet HTML 11Page - NXP Semiconductors MFS2600AMBA0AD Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
NXP Semiconductors
FS26
Safety System Basis Chip with Low Power for ASIL D / ASIL B
5.2 Part number list
Part
Number DEV_ID[5:0] Tracker 2
Core
Current
Capability
Long
Duration
Timer
Tracker 2
Monitoring
FS1B
ABIST on
demand
Watchdog
Type
Fault
Recovery
FCCU
Monitoring
LBIST
FS2600B
0x01
NO
0.8 A
NO
NO
NO
YES
Simple
NO
Optional
NO
FS2601B
0x02
NO
0.8 A
NO
NO
YES
YES
Simple
NO
Optional
NO
FS2602B
0x03
NO
0.8 A
YES
NO
NO
YES
Simple
NO
Optional
NO
FS2603B
0x04
NO
0.8 A
YES
NO
YES
YES
Simple
NO
Optional
NO
FS2600D
0x05
NO
0.8 A
NO
NO
NO
YES
Challenger
YES
YES
YES
FS2601D
0x06
NO
0.8 A
NO
NO
YES
YES
Challenger
YES
YES
YES
FS2602D
0x07
NO
0.8 A
YES
NO
NO
YES
Challenger
YES
YES
YES
FS2603D
0x08
NO
0.8 A
YES
NO
YES
YES
Challenger
YES
YES
YES
FS2610B
0x09
YES
0.8 A
NO
YES
NO
YES
Simple
NO
Optional
NO
FS2611B
0x0A
YES
0.8 A
NO
YES
YES
YES
Simple
NO
Optional
NO
FS2612B
0x0B
YES
0.8 A
YES
YES
NO
YES
Simple
NO
Optional
NO
FS2613B
0x0C
YES
0.8 A
YES
YES
YES
YES
Simple
NO
Optional
NO
FS2610D
0x0D
YES
0.8 A
NO
YES
NO
YES
Challenger
YES
YES
YES
FS2611D
0x0E
YES
0.8 A
NO
YES
YES
YES
Challenger
YES
YES
YES
FS2612D
0x0F
YES
0.8 A
YES
YES
NO
YES
Challenger
YES
YES
YES
FS2613D
0x10
YES
0.8 A
YES
YES
YES
YES
Challenger
YES
YES
YES
FS2620B
0x11
NO
1.65 A
NO
NO
NO
YES
Simple
NO
Optional
NO
FS2621B
0x12
NO
1.65 A
NO
NO
YES
YES
Simple
NO
Optional
NO
FS2622B
0x13
NO
1.65 A
YES
NO
NO
YES
Simple
NO
Optional
NO
FS2623B
0x14
NO
1.65 A
YES
NO
YES
YES
Simple
NO
Optional
NO
FS2620D
0x15
NO
1.65 A
NO
NO
NO
YES
Challenger
YES
YES
YES
FS2621D
0x16
NO
1.65 A
NO
NO
YES
YES
Challenger
YES
YES
YES
FS2622D
0x17
NO
1.65 A
YES
NO
NO
YES
Challenger
YES
YES
YES
FS2623D
0x18
NO
1.65 A
YES
NO
YES
YES
Challenger
YES
YES
YES
FS2630B
0x19
YES
1.65 A
NO
YES
NO
YES
Simple
NO
Optional
NO
FS2631B
0x1A
YES
1.65 A
NO
YES
YES
YES
Simple
NO
Optional
NO
FS2632B
0x1B
YES
1.65 A
YES
YES
NO
YES
Simple
NO
Optional
NO
FS2633B
0x1C
YES
1.65 A
YES
YES
YES
YES
Simple
NO
Optional
NO
FS2630D
0x1D
YES
1.65 A
NO
YES
NO
YES
Challenger
YES
YES
YES
FS2631D
0x1E
YES
1.65 A
NO
YES
YES
YES
Challenger
YES
YES
YES
FS2632D
0x1F
YES
1.65 A
YES
YES
NO
YES
Challenger
YES
YES
YES
FS2633D
0x20
YES
1.65 A
YES
YES
YES
YES
Challenger
YES
YES
YES
Table 1. Device segmentation
Additional part numbers will exist with different features and parametric settings. Table 1 is an example of a part
number list.
Part number
Description
Package
MFS2613AMDA2AD
S32K344+ FS26 EVB ASIL D S32K3X4EVB-x257
MFS2613AMDA3AD
S32K344 HVBMS Reference design
MFS2613AMDA4AD
S32K344 Body Control Module Reference design (white board)
MFS2613AMDA6AD
S32K344 48 V MC Development platform
LQPF48
Table 2. Orderable part numbers
PB_FS26
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product brief
Rev. 3 — 14 March 2023
8 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com