Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2601AMBA0AD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MFS2601AMBA0AD
Description  Safety System Basis Chip with Low Power for ASIL D / ASIL B
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2601AMBA0AD Datasheet(HTML) 3 Page - NXP Semiconductors

  MFS2601AMBA0AD Datasheet HTML 1Page - NXP Semiconductors MFS2601AMBA0AD Datasheet HTML 2Page - NXP Semiconductors MFS2601AMBA0AD Datasheet HTML 3Page - NXP Semiconductors MFS2601AMBA0AD Datasheet HTML 4Page - NXP Semiconductors MFS2601AMBA0AD Datasheet HTML 5Page - NXP Semiconductors MFS2601AMBA0AD Datasheet HTML 6Page - NXP Semiconductors MFS2601AMBA0AD Datasheet HTML 7Page - NXP Semiconductors MFS2601AMBA0AD Datasheet HTML 8Page - NXP Semiconductors MFS2601AMBA0AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
NXP Semiconductors
FS26
Safety System Basis Chip with Low Power for ASIL D / ASIL B
aaa-045445
FS26
FUNCTIONAL BLOCK DIAGRAM
VBST (CONTROLLER)
5.0 V TO 18 V
VCORE
0.8 V TO 3.35 V
@ 0.8 A OR 1.65 A
LDO1 (LP)
3.3 V OR 5.0 V @ 0.4 A
LDO2 (LP)
3.3 V OR 5.0 V @ 0.4 A
TRK1
INTERNAL LDO REFERENCE/
VREF/LDO2 @ 150 mA
TRK2
INTERNAL LDO REFERENCE/
VREF/LDO2 @ 150 mA
VOLTAGE SUPERVISOR
CLOCK MANAGEMENT
FIT FOR ASIL D
SAFETY LOGIC AND
CONTROL SPI,
INDEPENDENT
SAFETY MONITORING
UNIT
AMUX (I/O, TEMP,
VREF, BATT SENSE)
OTP
CONFIGURATION
LOGIC AND CONTROL
POWER-UP
SEQUENCING
SPI, LOW POWER
INTERNAL LDO
REFERENCE
1.2 V/1.8 V/3.3 V/5.0 V
VREF
3.3 V/5.0 V (±0.75 %)
@ 30 mA
SELECTABLE WAKE-UP
WAKE PINS
GPIO (LP)
LDT
SPI
LATENT FAULT CHECK
ABIST ON DEMAND
OTP - iSMU
WINDOW WATCHDOG
(SIMPLE/CHALLENGER)
S32 HW FAILURE
MONITOR (FCCU)
IC HW
FAILURE MONITORING
VPRE HVBUCK - INTERNAL MOSFETs
CONFIGURABLE FROM 3.7 V TO 6.35 V @ 1.5 A
SAFETY OUTPUTS (RSTb, FS0b, FS1b)
ISOLATION
Figure 1. Functional block diagram
PB_FS26
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product brief
Rev. 3 — 14 March 2023
3 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com