Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HLSR-P Datasheet(PDF) 3 Page - LEM

Part # HLSR-P
Description  Current Transducer HLSR-P/SP10 series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HLSR-P Datasheet(HTML) 3 Page - LEM

  HLSR-P_V01 Datasheet HTML 1Page - LEM HLSR-P_V01 Datasheet HTML 2Page - LEM HLSR-P_V01 Datasheet HTML 3Page - LEM HLSR-P_V01 Datasheet HTML 4Page - LEM HLSR-P_V01 Datasheet HTML 5Page - LEM HLSR-P_V01 Datasheet HTML 6Page - LEM HLSR-P_V01 Datasheet HTML 7Page - LEM HLSR-P_V01 Datasheet HTML 8Page - LEM HLSR-P_V01 Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Page 3/10
23April2019/Version 1
LEM International SA
Chemin des Aulx 8
1228 PLAN-LES-OUATES Switzerland
www.lem.com
LEM reserves the right to carry out modifications on its transducers,
in order to improve them, without prior notice
HLSR-P/SP10 series
Insulation coordination
Parameter
Symbol
Unit
Value
Comment
RMS voltage for AC insulation test 50/60 Hz/1 min
U
d
kV
4.3
Impulse withstand voltage 1.2/50 µs
U
Ni
kV
8
Clearance (pri. - sec.)
d
CI
mm
> 8
Shortest distance through air
Creepage distance (pri. - sec.)
d
Cp
mm
> 8
Shortest path along device body
Clearance (pri. - sec.)
-
mm
8
When mounted on PCB with
recommended layout
Case material
-
-
V0
According to UL 94
Comparative tracking index
CTI
600
Application example
-
V
600
Reinforced insulation according to
IEC 61010
CAT III, PD2
Application example
-
V
1000
Basic insulation according to
IEC 61010
CAT III, PD2
Application example
-
V
600
According to UL 508,
CAT III, PD2
Environmental and mechanical characteristics
Parameter
Symbol
Unit
Min
Typ
Max
Comment
Ambient operating temperature
T
A
°C
−40
105
Ambient storage temperature
T
S
°C
−40
105
Mass
m
g
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com