Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HTFS200 Datasheet(PDF) 1 Page - LEM

Part # HTFS200
Description  Current Transducer HTFS 200..800-P/SP2
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HTFS200 Datasheet(HTML) 1 Page - LEM

  HTFS200 Datasheet HTML 1Page - LEM HTFS200 Datasheet HTML 2Page - LEM HTFS200 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Current Transducer HTFS 200..800-P/SP2
For the electronic measurement of currents : DC, AC, pulsed, mixed,
with a galvanic isolation between the primary circuit (high power)
and the secondary circuit (electronic circuit).
All Data are given with a R
L = 10 kΩ
Electrical data
Primary nominal
Primary current
Type
RoHS since
current rms
measuring range
date code
I
PN (A)
I
PM (A)
200
± 300
HTFS 200-P/SP2
45326
400
± 600
HTFS 400-P/SP2
45060
800
± 1200
HTFS 800-P/SP2
45060
V
OUT
Output voltage (Analog) @ I
P
V
REF ±(1.25·IP/IPN)
V
I
P = 0
V
REF ± 0.025
V
V
REF
Reference voltage 1) - Output voltage
1/2V
C ± 0.025
V
V
REF Output impedance
typ. 200
Ω
V
REF Load impedance
≥ 200
k
Ω
R
L
Load resistance
≥ 2
k
Ω
R
OUT
Output internal resistance
< 10
Ω
C
L
Capacitive loading
< 1
µF
V
C
Supply voltage (± 5 %)
5
V
I
C
Current consumption @ V
C = 5 V
22
mA
Accuracy - Dynamic performance data
X
Accuracy 2) @ I
PN , TA = 25°C
≤ ± 1
% of I
PN
ε
L
Linearity error 0 .. 1.5 x I
PN
≤ ± 0.5
% of I
PN
TCV
OE
Temperature coefficient of V
OE @ IP = 0
≤ ± 0.3
mV/K
TCV
REF
Temperature coefficient of V
REF
≤ ± 0.01
%/K
TCV
OUT/VREF
Temperature coefficient of V
OUT / VREF @ IP = 0
≤ ± 0.2
mV/K
TCV
OUT
Temperature coefficient of V
OUT
≤ ± 0.05% of reading/K
V
OM
Magnetic offset voltage @ I
P = 0,
after an overload of 3 x I
PN DC
< ± 0.5
% of I
PN
t
ra
Reaction time @ 10 % of I
PN
< 3
µs
t
r
Response time to 90 % of I
PN step
< 7
µs
di/dt
di/dt accurately followed
> 100
A/µs
V
no
Output voltage noise (DC ..10 kHz)
< 15
mVpp
(DC .. 1 MHz)
< 40
mVpp
BW
Frequency bandwidth (-3 dB) 3)
DC .. 20
kHz
General data
T
A
Ambient operating temperature
- 40 .. + 105
°C
T
S
Ambient storage temperature
- 40 .. + 105
°C
m
Mass
60
g
Standards
EN 50178: 1997
Features
• Hall effect measuring principle
• Galvanic isolation between primary
and secondary circuit
• Low power consumption
• Single power supply +5V
• Ratiometric offset
• T
A = -40..+105 °C
• PCB fixation by 4 Ø1 pins
• Insulated plastic case recognized
according to UL 94-V0
Advantages
• Small size and space saving
• Only one design for wide current
ratings range
• High immunity to external
interference.
• V
REF. IN/OUT
Applications
• Forklift drives
• AC variable speed drives
• Static converters for DC motor drives
• Battery supplied applications
• Uninterruptible Power Supplies
(UPS)
• Switched Mode Power Supplies
(SMPS)
• Power supplies for welding
applications.
Application domain
• Industrial
I
PN = 200 - 400 - 800A
070827/4
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 1/3
Notes : 1) It is possible to overdrive V
REF with an external reference voltage
between 2 - 2.8 V providing its ability to sink or source approx. 2.5 mA.
2) Excluding offset.
3) Small signal only to avoid excessive heatings of the magnetic core.


Similar Part No. - HTFS200

ManufacturerPart #DatasheetDescription
logo
LEM
HTFS200-P LEM-HTFS200-P Datasheet
84Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P Datasheet
166Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P Datasheet
416Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P_05 Datasheet
166Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P_12 Datasheet
416Kb / 3P
Current Transducer
More results

Similar Description - HTFS200

ManufacturerPart #DatasheetDescription
logo
LEM
HNC-200P LEM-HNC-200P Datasheet
90Kb / 2P
Current Transducer HNC- 200~300P
HX05-P LEM-HX05-P Datasheet
62Kb / 2P
Current Transducer HX 03~50-P/SP2
LA150-P LEM-LA150-P Datasheet
26Kb / 2P
Current Transducer LA 150-P
LA200-P LEM-LA200-P Datasheet
85Kb / 2P
Current Transducer LA 200-P
LB200-S LEM-LB200-S Datasheet
133Kb / 2P
Current Transducer LB 200-S/SP4
LB1000-SI LEM-LB1000-SI Datasheet
32Kb / 2P
Current Transducer LB 1000-SI/SP2
LA100P LEM-LA100P Datasheet
69Kb / 2P
CURRENT TRANSDUCER LA 100-P
LA55-P LEM-LA55-P Datasheet
68Kb / 2P
Current Transducer LA 55-P
LA55P LEM-LA55P Datasheet
68Kb / 2P
Current Transducer LA 55-P
LT100-P LEM-LT100-P Datasheet
721Kb / 3P
Current Transducer LT 100-P
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com