Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DFR1025 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR1025
Description  Introduction of 60W Adjustable DC-DC Buck Converter Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR1025 Datasheet(HTML) 3 Page - DFROBOT

  DFR1025 Datasheet HTML 1Page - DFROBOT DFR1025 Datasheet HTML 2Page - DFROBOT DFR1025 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LED lighting
Communication equipment
Specification
Input Voltage: 9V-15V
Output Voltage: 0.6V-5.1V
Output Current: 18A(Active Dissipation)
Output Power: 60W(Active Dissipation)
Conversion Efficiency: 92%(Typical)
Outline Dimension: 52×37mm/2.05×1.46”
Documents
Product wiki
Dimensional Drawings
Shipping List
60W Adjustable DC-DC Buck Converter x1
2Pin Terminal Block x2
Aluminum Heat Sink x1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com