Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DFR1026 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR1026
Description  4 levels of charge/discharge electricity indication
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR1026 Datasheet(HTML) 1 Page - DFROBOT

  DFR1026 Datasheet HTML 1Page - DFROBOT DFR1026 Datasheet HTML 2Page - DFROBOT DFR1026 Datasheet HTML 3Page - DFROBOT DFR1026 Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
INTRODUCTION
This is a DC charging and discharging integrated module, with 5V normally
open output, which is not affected by load access and has a maximum load
current of 2A. It features 4 levels of charge/discharge electricity indication
and button-controlled output. The module comes with a built-in power
management circuit that boosts a lithium battery to 5V and supports charging
and discharging simultaneously. Besides, it has battery protection which
makes it applicable for batteries without a protective board,
This module can be applied to car charging retrofit, driving recorder power
supply, DIY mobile power bank, and mobile phone/laptop portable charging
devices.
Note: The KEY function is invalid in charging mode. In discharging mode,
short press the button once to enable output, and the indicator turns on; Long
press for about 10s to disable the output, and the indicator turns off this time.
The indicator goes off after 35s when there is no operation in discharging
mode. When charging and discharging at the same time, please enable input
and output to keep a balance, thus extending module service life.
Pin Definition


Similar Part No. - DFR1026

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR1025 DFROBOT-DFR1025 Datasheet
117Kb / 3P
Introduction of 60W Adjustable DC-DC Buck Converter Module
More results

Similar Description - DFR1026

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BQ2903 ETC-BQ2903 Datasheet
147Kb / 12P
Rechargeable Alkaline Charge/Discharge Controller IC
logo
Texas Instruments
BQ2902 TI-BQ2902 Datasheet
124Kb / 12P
Rechargeable Alkaline Charge/Discharge Controller IC
logo
Surge Components
MKR SURGE-MKR Datasheet
1Mb / 2P
high speed charge-discharge
logo
List of Unclassifed Man...
MHP-TA15-9-72 ETC2-MHP-TA15-9-72 Datasheet
348Kb / 6P
Two levels of current carrying capacity:
logo
Maxim Integrated Produc...
MAX30105 MAXIM-MAX30105 Datasheet
1Mb / 35P
Capable of Operating at High Ambient Levels
Rev 1; 7/16
logo
Shenzhen Tianyuan Semic...
TP4213 TPOWER-TP4213 Datasheet
486Kb / 6P
Charge and discharge indication small volume mobile power solution
logo
Maxim Integrated Produc...
MAX14922EVKIT MAXIM-MAX14922EVKIT Datasheet
496Kb / 8P
LED Indication of Status and Fault Conditions
Rev 1; 6/20
logo
Ultralife Corporation.
CA0009 ULTRALIFE-CA0009 Datasheet
339Kb / 1P
Charge/Discharge cable for UBBL06
28 AUG 15 Rev: D
CA0022 ULTRALIFE-CA0022 Datasheet
388Kb / 1P
Charge/Discharge cable for UBBL06
28 AUG 15 Rev: C
logo
ON Semiconductor
NCS35011 ONSEMI-NCS35011 Datasheet
233Kb / 11P
5S Battery Protector with State of Charge Indication
March, 2023 - Rev. P8
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com