Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DFR1034 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR1034
Description  Gravity: GP8503 2-Channel 12bit I2C to 0-2.5V/VCC DAC Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR1034 Datasheet(HTML) 3 Page - DFROBOT

  DFR1034 Datasheet HTML 1Page - DFROBOT DFR1034 Datasheet HTML 2Page - DFROBOT DFR1034 Datasheet HTML 3Page - DFROBOT DFR1034 Datasheet HTML 4Page - DFROBOT DFR1034 Datasheet HTML 5Page - DFROBOT DFR1034 Datasheet HTML 6Page - DFROBOT DFR1034 Datasheet HTML 7Page - DFROBOT DFR1034 Datasheet HTML 8Page - DFROBOT DFR1034 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DFR1034-GP8503 (2-Channel 12bit I2C to 0-
2.5V/VCC DAC Module)
FUNCTIONS
This is a 2-channel analog voltage output DAC module with I2C communication, 12-bit resolution, and 0.1%
output voltage linearity error. It is well-suited for control projects operating within the 3.3V range, such as
ESP32, Raspberry Pi, STM32, and other microcontrollers that require analog signal output.
INTRODUCTION
DFR1034-GP8503 (2-
Channel 12bit I2C to 0-
2.5V/VCC DAC Module)
FUNCTIONS
FEATURES
DIMENSION
FUNCTIONAL DIAGRAM
SPECIFICATIONS
TUTORIAL
More Documents
FAQ
2024/5/14 18:26
Gravity: GP8503 2-Channel 12bit I2C to 0-2.5V/VCC DAC Module
https://wiki.dfrobot.com/SKU_DFR1034_2_Channel_12bit_I2C_to_0-VCC_DAC
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com