Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DFR1071 Datasheet(PDF) 11 Page - DFROBOT

Part # DFR1071
Description  SKU_DFR1071_1_Channel_15bit_I2C_to_0-10V_DAC WIKI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR1071 Datasheet(HTML) 11 Page - DFROBOT

Back Button DFR1071 Datasheet HTML 4Page - DFROBOT DFR1071 Datasheet HTML 5Page - DFROBOT DFR1071 Datasheet HTML 6Page - DFROBOT DFR1071 Datasheet HTML 7Page - DFROBOT DFR1071 Datasheet HTML 8Page - DFROBOT DFR1071 Datasheet HTML 9Page - DFROBOT DFR1071 Datasheet HTML 10Page - DFROBOT DFR1071 Datasheet HTML 11Page - DFROBOT DFR1071 Datasheet HTML 12Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
RESULT
After downloading the program, the actual output voltage of channel was measured as 6.548V using a
voltmeter.
More Documents
DFR1071 Documents:
DFR1071-Schematics.pdf
(https://dfimg.dfrobot.com/60c1e008bddfc41c3293de80/wiki/1dbe79b2c87c30b58364d5ca09e999a1.pdf
)
DFR1071_Dimensions.pdf
(https://dfimg.dfrobot.com/60c1e008bddfc41c3293de80/wiki/a50bfbaa1119d9c3bc871747cb10c0ba.pdf)
DFR1071_3D File.rar
(https://dfimg.dfrobot.com/60c1e008bddfc41c3293de80/wiki/af6b9b8d1cbb3e304a22bf15ecc2119b.rar)
DFR1071_2D_CAD File.rar
(https://dfimg.dfrobot.com/60c1e008bddfc41c3293de80/wiki/df2c63288486fb2b6cf16afe54f28774.rar)
DFR1071_GP8211 Datasheet.pdf
(https://dfimg.dfrobot.com/60c1e008bddfc41c3293de80/wiki/ba0965797797fb7d66e3ab0256100fac.pdf)
FAQ
For any questions, advice or cool ideas to share, please visit the DFRobot Forum
(https://www.dfrobot.com/forum/).
INTRODUCTION
DFR1071-GP8211S (1-
Channel 15-bit I2C to 0-
5V/10V DAC Module)
FUNCTIONS
FEATURES
DIMENSION
FUNCTIONAL DIAGRAM
SPECIFICATIONS
TUTORIAL
More Documents
FAQ
2024/5/14 18:33
SKU_DFR1071_1_Channel_15bit_I2C_to_0-10V_DAC WIKI
https://wiki.dfrobot.com/SKU_DFR1071_1_Channel_15bit_I2C_to_0-10V_DAC
11/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com