Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DFR1075 Datasheet(PDF) 7 Page - DFROBOT

Part # DFR1075
Description  Firebeetle 2 Board ESP32-C6 Microcontroller Wiki - DFRobot
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR1075 Datasheet(HTML) 7 Page - DFROBOT

Back Button DFR1075 Datasheet HTML 3Page - DFROBOT DFR1075 Datasheet HTML 4Page - DFROBOT DFR1075 Datasheet HTML 5Page - DFROBOT DFR1075 Datasheet HTML 6Page - DFROBOT DFR1075 Datasheet HTML 7Page - DFROBOT DFR1075 Datasheet HTML 8Page - DFROBOT DFR1075 Datasheet HTML 9Page - DFROBOT DFR1075 Datasheet HTML 10Page - DFROBOT DFR1075 Datasheet HTML 11Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Type-C:Type-C USB port
IO15/D13:onboard LED pin
Charge: Charging indicator
Off: not plugged in power supply or fully charged
On: charging
Blinking: battery not connected
RST: Reset button
IO9/D9/BOOT: GPIO9 / Boot button
HM6245
(https://dfimg.dfrobot.com/5d57611a3416442fa39bffca/wiki/6f630301d84caf0e92266e3c5cf11e
dc.PDF): 3.3V Low power LDO
BAT:Lithium ion battery or lithium polymer battery interface
IO0: Battery voltage detection pin
CN3165
(https://dfimg.dfrobot.com/5d57611a3416442fa39bffca/wiki/85759bb076bf6bb24fd8ca5683f19
603.pdf): Solar management chip
Introduction
Features
Specification
Board Overview
Pin Diagram
Tutorial - First Time Use
Basic Tutorial
Advanced Tutorial
Tutorial for MicroPython
FAQ
More Documents
2024/5/14 19:08
Firebeetle 2 Board ESP32-C6 Microcontroller Wiki - DFRobot
https://wiki.dfrobot.com/SKU_DFR1075_FireBeetle_2_Board_ESP32_C6
7/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com