Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DFR1090 Datasheet(PDF) 9 Page - DFROBOT

Part # DFR1090
Description  Ultimate Performance: The Intel Core i5-1340P processor has 12 cores
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR1090 Datasheet(HTML) 9 Page - DFROBOT

Back Button DFR1090 Datasheet HTML 5Page - DFROBOT DFR1090 Datasheet HTML 6Page - DFROBOT DFR1090 Datasheet HTML 7Page - DFROBOT DFR1090 Datasheet HTML 8Page - DFROBOT DFR1090 Datasheet HTML 9Page - DFROBOT DFR1090 Datasheet HTML 10Page - DFROBOT DFR1090 Datasheet HTML 11Page - DFROBOT DFR1090 Datasheet HTML 12Page - DFROBOT DFR1090 Datasheet HTML 13Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
FEATURES
• Ultimate Performance: The Intel Core i5-1340P processor has 12 cores
and 16 threads with a maximum turbo frequency of 4.60 GHz (performance-
core) and 3.4 GHz (efficient-core), making it a powerful and efficient
processor for multitasking and demanding applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com