Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DFR1091 Datasheet(PDF) 10 Page - DFROBOT

Part # DFR1091
Description  Diverse OS Support: Support Windows 10, Windows 11, and Ubuntu operating systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR1091 Datasheet(HTML) 10 Page - DFROBOT

Back Button DFR1091 Datasheet HTML 6Page - DFROBOT DFR1091 Datasheet HTML 7Page - DFROBOT DFR1091 Datasheet HTML 8Page - DFROBOT DFR1091 Datasheet HTML 9Page - DFROBOT DFR1091 Datasheet HTML 10Page - DFROBOT DFR1091 Datasheet HTML 11Page - DFROBOT DFR1091 Datasheet HTML 12Page - DFROBOT DFR1091 Datasheet HTML 13Page - DFROBOT DFR1091 Datasheet HTML 14Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
core) and 3.4 GHz (efficient-core), making it a powerful and efficient
processor for multitasking and demanding applications.
• Lightning-fast Memory: The dual-channel LPDDR5-6400 RAM with a
capacity of 16GB ensures smooth and fast performance.
• High-level Graphics Capability: as it features the Intel Iris Xe Graphics,
LattePanda Sigma Single Board Server supports multiple display outputs with
high resolutions and refresh rates.
• Quad 4K displays: Experience unparalleled visual clarity with support for
quad 4K displays, bringing your content to life like never before.
• User-friendly Interface Layout: plug and play with ease
• Rich Interfaces: Unlock limitless possibilities with rich interfaces, offering
seamless connectivity and enhanced user experience.
• Diverse OS Support: Support Windows 10, Windows 11, and Ubuntu
operating systems
APPLICATIONS
SPECIFICATION
Processor
• CPU: Intel® Core™ i5-1340P
• Cores / Threads: 12C(4P+8E) / 16T
• Max Turbo Frequency: 4.60 GHz(Performance-core), 3.4 GHz(Efficient-
core)
• L2 Cache: 12 MB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com