Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCF.91.131.2LT Datasheet(PDF) 2 Page - LEMO Connectors

Part # DCF.91.131.2LT
Description  Blanking caps for fixed and free receptacles
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

DCF.91.131.2LT Datasheet(HTML) 2 Page - LEMO Connectors

  DCF.91.131.2LT Datasheet HTML 1Page - LEMO Connectors DCF.91.131.2LT Datasheet HTML 2Page - LEMO Connectors DCF.91.131.2LT Datasheet HTML 3Page - LEMO Connectors DCF.91.131.2LT Datasheet HTML 4Page - LEMO Connectors DCF.91.131.2LT Datasheet HTML 5Page - LEMO Connectors DCF.91.131.2LT Datasheet HTML 6Page - LEMO Connectors DCF.91.131.2LT Datasheet HTML 7Page - LEMO Connectors DCF.91.131.2LT Datasheet HTML 8Page - LEMO Connectors DCF.91.131.2LT Datasheet HTML 9Page - LEMO Connectors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
LEMO USA • 800-444-5366 • www.lemousa.com
Data Subject to Change
127
22 mini
B
+0.1
0
Panel cut-outs
17 mini
M13 x 0.75
Note:
Mounting nut torque – 6 Nm (1N = 0.102 kg)
15
°
30
°
60
°
ø 0.6
PCB drilling pattern
EGG - ECG
EYG
Please consult the «Tooling» section (page 129).
Tooling
Panel cut-outs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com