Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RLS4FC Datasheet(PDF) 2 Page - REAN

Part # RLS4FC
Description  4 pole loudspeaker cable connector with latch lock, chuck and bushing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REAN [REAN]
Direct Link  https://www.rean-connectors.com/
Logo REAN - REAN

RLS4FC Datasheet(HTML) 2 Page - REAN

  RLS4FC Datasheet HTML 1Page - REAN RLS4FC Datasheet HTML 2Page - REAN  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Information
Product
Title
RLS4MDZ
Connection Type
Loudspeaker Connectors
Electrical
Rated current
continuous 30 A rms
Contact resistance
≤
5 mΩ
Insulation resistance
> 1 GΩ
Dielectric strength
4 kV dc
Rated Voltage
250 V
Mechanical
Lifetime
> 1000 mating cycles
Chassis shape
D
Wiring
at tab ( 4.8 × 0.5 mm ) or soldering
Mounting direction
Front mounting or rear mounting
Material
Contact
Bronze
Contact plating
Ag
Shell
PA6+30%GF
Environmental
Temperature range
-30 °C to +80 °C
Flammability
UL94 V-0
Solderability
complies with IEC68-2-20
RLS4MDZ
All rights reserved / 25.12.2022
2
/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com