Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8A/XJYADG Datasheet(PDF) 2 Page - TUK Ltd

Part # 8A/XJYADG
Description  8A and 8B gel crimps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

8A/XJYADG Datasheet(HTML) 2 Page - TUK Ltd

  8A/XJYADG Datasheet HTML 1Page - TUK Ltd 8A/XJYADG Datasheet HTML 2Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Colour: Transparent housing
Materials: Housing - Polypropylene. Contacts – tin-plated brass
Dimensions:
8A/XJYAdg: 15.5 x 9.5mm (open), 3.6 (closed) x 10mm;
8B/XJRBdg: 20 x 9.5mm (open), 6.3 (closed) x 12.5mm
Pack quantities :-
8A/XJYAdg supplied in carton of 500pcs
8B/XJRBdg supplied in carton of 250pcs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com