Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2785057 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 2785057
Description  Silicone Rubber Patch Thermocouple Type K PFA Twin Twisted with Bare Tails - IEC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

2785057 Datasheet(HTML) 2 Page - Labfacility Ltd

  2785057 Datasheet HTML 1Page - Labfacility Ltd 2785057 Datasheet HTML 2Page - Labfacility Ltd 2785057 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
TC-57
Nov-23
Specifications
General Description Resistant to many oils & chemicals
Sensor Type
Thermocouple junction encapsulated in a silicone rubber
patch with self-adhesive aluminium foil backing
Thermocouple Type
Type K
Cable Length
1m, 2m
Cable Type
PFA insulated twin-twist wire 1/0.2mm
Termination Type
Bare tails
Max. Temperature
+150°C
Min. Temperature
-50°C
Standards Met
IEC
Dimensions
Length 40mm x Width 13mm x Height 5mm Rubber patch
Ordering Information
Thermocouple
Type
Cable
Length
Termination
Manufacturers
Code
Farnell Order
Code
K
1m
Bare Tails
SRS-K-1M-T-I
2785057
K
2m
Bare Tails
SRS-K-2M-T-I
3584282



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com