Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S32K342EHT0MPAST Datasheet(PDF) 4 Page - NXP Semiconductors

Part # S32K342EHT0MPAST
Description  SOFTWARE DEVELOPMENT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K342EHT0MPAST Datasheet(HTML) 4 Page - NXP Semiconductors

  S32K342EHT0MPAST Datasheet HTML 1Page - NXP Semiconductors S32K342EHT0MPAST Datasheet HTML 2Page - NXP Semiconductors S32K342EHT0MPAST Datasheet HTML 3Page - NXP Semiconductors S32K342EHT0MPAST Datasheet HTML 4Page - NXP Semiconductors S32K342EHT0MPAST Datasheet HTML 5Page - NXP Semiconductors S32K342EHT0MPAST Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PREMIUM SOFTWARE
For production use, available under
license
• Safety Software Framework
(SAF): libraries for fault detection
and reaction to single-point/latent
faults during boot-up, runtime
and fault recovery. Reduces
development effort for safety
implementation. Full coverage
of software safety mechanisms
within the MCU in S32K3xx Safety
Manual.
• Structural Core Self-Test (SCST)
Library: for runtime detection
of permanent hardware faults
in processor cores, with 90%
diagnostic coverage.
• HSE Firmware (OEM-customized
version): OEM-specific security
firmware.
• Automotive Math and Motor
Control Library (AMMCLib):
pre-compiled, highly optimized
libraries for a wide range of motor
control and general math functions.
• Battery Management System
(BMS) Safety Library: in BMS
reference design.
• ISELED LED Lighting Driver:
supports S32K MCUs in ISELED
LED lighting applications.
STANDARD SOFTWARE
For production use, included in
silicon cost
• S32 Design Studio IDE for S32
Platform: Eclipse-based, GNU
compiler and debugger with
support for third-party versions.
S32 Config Tool for configuring
RTD, pins, clocks, peripherals, DDR
memory and OS.
• Real-Time Drivers (RTD):
software drivers for AUTOSAR®/
non-AUTOSAR applications. Full
processor IP coverage. ISO 26262
ASIL D compliant, AUTOSAR 4.4,
SPICE level 3. Configure with S32
Config Tool, Elektrobit Tresos
Studio or other partners’ tools.
• Safety Peripheral Drivers:
low-level drivers for safety
peripherals: BIST manager and
Extended Microcontroller Error
Manager (eMcem) for safety
framework development.
• HSE Firmware (standard version):
SHE+ support, field upgradeable,
extended symmetric/asymmetric
services, AUTOSAR compliant,
industry-proven.
• Inter-Platform Communication
Framework (IPCF): middleware
for inter-core communications
and resource access and sharing,
e.g., AUTOSAR/non-AUTOSAR on
Cortex-M cores
• Model-Based Design Toolbox
(MBDT): plug-in for MathWorks®
MATLAB® Software and MathWorks
Simulink® Software.
• Motor Control Tools: Pre-compiled
version of AMMCLib, FreeMASTER
real-time debug monitor and Motor
Control Application Tuning (MCAT) to
simplify motor control development.
REFERENCE SOFTWARE
For reference use, included
in silicon cost
• Platform Integration Software:
general software examples.
• Communication Stacks
(TCP/IP, LIN)
• FreeRTOS OS
• Zephyr® RTOS
• Mbed TLS
• OTA demo
S32K3 SOFTWARE ENABLEMENT
www.nxp.com/S32K3
4
S32K3 SOFTWARE ECOSYSTEM
Production Grade
Firmware
* Reference
Third Party
Arm® Cortex®-M7 MCU
Hardware Security Engine (HSE):
Standard and Premium Firmeware
Real-Time Drivers (RTD)
HSE Crypto
Driver
Safety Peripheral
Drivers (SPD)
S32 Safety Software
Framework (SAF)
Structural Core Self
Test (SCST)
Inter-Platform
Comms
Framework
(IPCF) for
Multi-Core
Classic AUTOSAR OS
Real-Time OS (FreeRTOS, etc.)
LIN Stack
TCP/IP Stack
Audio-Video-Bridge
(AVB) stack
Motor Control Software*
Battery Management
Software*
ISELED Lighting
Software*
Over-The-Air (OTA)
Service
Audio Application
Software
AUTOSAR®
Application
Ext Device Drivers
(FS26..)
S32 Design Studio
(S32DS) +
S32 Config Tool
(S32CT)
FreeMASTER
MCAT
Mode-Based
Design Toolbox
(MBDT)
S32K Power
Estimation Tool
(PET)
S32K Package
Manager
SERVICES/APPLICATION SOFTWARE
MIDDLEWARE
OS/DRIVERS/SAFETY
ARM CORTEX CORE(S)
FIRMWARE/HW ACCELERATORS
HYPERVISOR (if available)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com