Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S32K322EHT0MPAST Datasheet(PDF) 6 Page - NXP Semiconductors

Part # S32K322EHT0MPAST
Description  SOFTWARE DEVELOPMENT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K322EHT0MPAST Datasheet(HTML) 6 Page - NXP Semiconductors

  S32K322EHT0MPAST Datasheet HTML 1Page - NXP Semiconductors S32K322EHT0MPAST Datasheet HTML 2Page - NXP Semiconductors S32K322EHT0MPAST Datasheet HTML 3Page - NXP Semiconductors S32K322EHT0MPAST Datasheet HTML 4Page - NXP Semiconductors S32K322EHT0MPAST Datasheet HTML 5Page - NXP Semiconductors S32K322EHT0MPAST Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
S32K324 TRIPLE MOTOR CONTROL BOARD (MCTPTX1AK324)
• Supports S32K3 automotive general-purpose MCU
• Supports control 3x PMSM, 1x DCM and 4x valves,
independently
• FS26 Power SBC, with +5.0 V, +3.3 V and +1.5 V
• [3] GD3000 3-phase brushless motor pre-driver
• H-Bridge driver module for legacy direct current (DC) motor
control
• MC12XS6 High Side Driver module
• 10 pins SWD/JTAG Debugger interface
• On-board CAN, LIN and USB to UART interfaces
S32K344-WB
• Supports S32K3 automotive general-purpose MCU
• FS26 Power SBC, with +5.0 V, +3.3 V and +1.5 V
• JTAG connectors for external debuggers
• SGTL5000 ultra-low power audio codec
• High-side driver, low-side driver and H-bridge driver
• Ethernet switch and 3x 100BASE-T1 with SJA1105QEL Five-
ports AVB & TSN automotive Ethernet switch
• RF receiver
• NJJ29C2 low-frequency driver and receiver IC
• [4] CAN physical layers with TJA1044GT and TJA1145T high-
speed CAN transceivers
• [8] LIN physical layers with TJA1124 and SJA1124 quad LIN
commander transceivers
MR-CANHUBK344
• Supports S32K3 automotive general-purpose MCU
• FS26 Power SBC, with +5.0 V, +3.3 V and +1.5 V
• UART, SPI, I2C on JST-GH easy-to-build “Dronecode” standard
connectors
• Expansion header for Motor PWM and GPIO
• Connector for 3rd party IMU (accel/gyro/mag)
• 100BASE-T1 Ethernet PHY with TJA1103 ASIL B Compliant
• SE050 Secure element with NFC (Near Field Communication)
• [6] CAN physical layers with TJA1443 (HS-CAN), TJA1463 (CAN
SiC) and TJA1153 (Secure HS-CAN) and transceivers
nxp.com/S32K3
NXP, the NXP logo, NXP SECURE CONNECTIONS FOR A SMARTER WORLD and SafeAssure are trademarks of NXP B.V.
All other product or service names are the property of their respective owners. Arm and Cortex are trademarks or registered
trademarks of Arm Limited (or its subsidiaries) in the US and/or elsewhere. The related technology may be protected by any
or all of patents, copyrights, designs and trade secrets. All rights reserved. MATLAB and Simulink are registered trademarks
of The MathWorks, Inc. All other product or service names are the property of their respective owners. © 2023 NXP B.V.
Document Number: S32KBRA4 REV 6
S32K3 RESOURCES
S32K3 product information
nxp.com/S32K3
S32K community
community.nxp.com
Real-Time Drivers
nxp.com/RTD
SafeAssure® community
nxp.com/SafeAssureCommunity
Product Longevity information
nxp.com/ProductLongevity
S32K3 HARDWARE TOOLS cont.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com