Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S32K311NHT0MLFST Datasheet(PDF) 24 Page - NXP Semiconductors

Part # S32K311NHT0MLFST
Description  Data is preliminary
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MLFST Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button S32K311NHT0MLFST Datasheet HTML 20Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 21Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 22Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 23Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 24Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 25Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 26Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 27Page - NXP Semiconductors S32K311NHT0MLFST Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 142 page
background image
Table 6. Power mode transition operating behavior (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
SMPS trickle LDO
disabled1
tMODE_
STDBYEXIT
STANDBY --> RUN
transition, time
Normal Recovery,
V15 SMPS
—
154
—
us
For S32K328,
S32K338, S32K348
and S32K358
—
1. S32K388 doesn’t support the FAST STANDBY EXIT recovery
6.1.2 Boot time, HSE firmware not installed
Table 7. Boot time, HSE firmware not installed
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tBOOT_noHSE
After a POR event,
amount of time to
execution of the
first instruction of
the application core,
when HSE firmware
is not installed. (HSE
FW feature flag is
disabled)
—
2
—
ms
Device running from
FIRC (clocking option
D). CORE_CLK = 48
MHz; HSE_CLK = 48
MHz.
—
6.1.3 Boot time, HSE firmware installed
The following table provides the boot time of the S32K3 SBAF and Firmware initialization. To obtain the total boot time, the
corresponding user code verification time must be added.
Table 8. Boot time, HSE firmware installed
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tBOOT_HSE_
NONSECURE
After a POR event,
amount of time to
execution of the
first instruction of
the application core,
when HSE firmware
is installed. (BOOT
SEQ = 0)
—
—
3
ms
Device running from
FIRC (clocking option
D). CORE_CLK = 48
MHz; HSE_CLK = 48
MHz.
—
tBOOT_HSE
After a POR event,
amount of time to
execution of the
first instruction of
the application core,
—
12.36
—
ms
Device running from
FIRC (clocking option
D). CORE_CLK = 48
MHz; HSE_CLK = 48
MHz.
—
Table continues on the next page...
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 9, 01/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
24 / 142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com