Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MUX08EPZ Datasheet(PDF) 12 Page - Analog Devices

Part # MUX08EPZ
Description  8-Chan JFET Analog Multiplexers (Overvoltage & Power Supply Loss Protected)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MUX08EPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button MUX08EPZ Datasheet HTML 6Page - Analog Devices MUX08EPZ Datasheet HTML 7Page - Analog Devices MUX08EPZ Datasheet HTML 8Page - Analog Devices MUX08EPZ Datasheet HTML 9Page - Analog Devices MUX08EPZ Datasheet HTML 10Page - Analog Devices MUX08EPZ Datasheet HTML 11Page - Analog Devices MUX08EPZ Datasheet HTML 12Page - Analog Devices MUX08EPZ Datasheet HTML 13Page - Analog Devices MUX08EPZ Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MUX-08
Data Sheet
Rev. C | Page 12 of 14
OUTLINE DIMENSIONS
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUI VALENTS FOR
REFERENCE ON LY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
1
20
4
9
8
13
19
14
3
18
0.028 (0.71)
0.022 (0.56)
45° TYP
0.015 (0.38)
MIN
0.055 (1.40)
0.045 (1.14)
0.050 (1.27)
BSC
0.075 (1.91)
REF
0.011 (0.28)
0.007 (0.18)
R TYP
0.095 (2.41)
0.075 (1.90)
0.100 (2.54) REF
0.200 (5.08)
REF
0.150 (3.81)
BSC
0.075 (1.91)
REF
0.358 (9.09)
0.342 (8.69)
SQ
0.358
(9.09)
MAX
SQ
0.100 (2.54)
0.064 (1.63)
0.088 (2.24)
0.054 (1.37)
BOTTOM VIEW
SIDE VIEW
0.049 (1.24)
0.041 (1.04)
Figure 6. 20-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-20-1)
Dimensions shown in inches and (millimeters)
COMPLIANT TO JEDEC STANDARDS MS-001-BB
0.022
0.018
0.015
0.150
0.130
0.115
0.070
0.060
0.055
0.021
0.016
0.011
0.045
0.039
0.030
0.195
0.130
0.115
16
1
8
9
0.100
BSC
0.775
0.755
0.735
0.210
MAX
0.015
MIN
0.280
0.250
0.240
0.430
MAX
0.012
0.010
0.008
0.325
0.310
0.300
0.015
GAUGE
PLANE
SEATING
PLANE
TOP VIEW
SIDE VIEW
END VIEW
PIN 1
INDICATOR
Figure 7. 16-Lead Plastic Dual In-Line Package [PDIP]
Narrow Body
(N-16)
Dimensions shown in inches
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
0.840 (21.34) MAX
15°
0°
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
0.200 (5.08)
MAX
0.200 (5.08)
0.125 (3.18)
0.023 (0.58)
0.014 (0.36)
0.310 (7.87)
0.220 (5.59)
0.005 (0.13) MIN
0.098 (2.49) MAX
0.100 (2.54) BSC
PIN 1
1
8
9
16
SEATING
PLANE
0.150
(3.81)
MIN
0.070 (1.78)
0.030 (0.76)
0.060 (1.52)
0.015 (0.38)
Figure 8. 16-Lead Ceramic Dual In-Line Package [CERDIP]
(Q-16)
Dimensions shown in inches and (millimeters)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com