Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MUX08FQ Datasheet(PDF) 13 Page - Analog Devices

Part # MUX08FQ
Description  8-Chan JFET Analog Multiplexers (Overvoltage & Power Supply Loss Protected)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MUX08FQ Datasheet(HTML) 13 Page - Analog Devices

Back Button MUX08FQ Datasheet HTML 6Page - Analog Devices MUX08FQ Datasheet HTML 7Page - Analog Devices MUX08FQ Datasheet HTML 8Page - Analog Devices MUX08FQ Datasheet HTML 9Page - Analog Devices MUX08FQ Datasheet HTML 10Page - Analog Devices MUX08FQ Datasheet HTML 11Page - Analog Devices MUX08FQ Datasheet HTML 12Page - Analog Devices MUX08FQ Datasheet HTML 13Page - Analog Devices MUX08FQ Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Data Sheet
MUX-08
Rev. C | Page 13 of 14
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AC
10.00 (0.3937)
9.80 (0.3858)
16
9
8
1
6.20 (0.2441)
5.80 (0.2283)
4.00 (0.1575)
3.80 (0.1496)
1.27 (0.0500)
BSC
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0039)
0.51 (0.0201)
0.31 (0.0122)
1.75 (0.0689)
1.35 (0.0531)
0.50 (0.0197)
0.25 (0.0098)
1.27 (0.0500)
0.40 (0.0157)
0.25 (0.0098)
0.17 (0.0067)
COPLANARITY
0.10
8°
0°
45°
Figure 9. 16-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-16)
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
MUX08EPZ
0°C to 70°C
16-Lead PDIP
N-16
MUX08EQ
−25°C to +85°C
16-Lead CERDIP
Q-16
MUX08FPZ
−40°C to +85°C
16-Lead PDIP
N-16
MUX08FQ
−25°C to +85°C
16-Lead CERDIP
Q-16
MUX08FSZ
−40°C to +85°C
16-Lead SOIC_N
R-16
MUX08NBC
25°C
DIE
5962-8771601EA
−55°C to +125°C
16-Lead CERDIP
Q-16
5962-87716022A
−55°C to +125°C
20-Terminal Ceramic LCC
E-20-1
5962-8771602EA
−55°C to +125°C
16-Lead CERDIP
Q-16
MUX08AQ/883C
−55°C to +125°C
16-Lead CERDIP
Q-16
MUX08BQ/883C
−55°C to +125°C
16-Lead CERDIP
Q-16
1 Z = RoHS Compliant Part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com