Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

104020002 Datasheet(PDF) 5 Page - Seeed Technology Co.,Ltd.

Part # 104020002
Description  Grove - Red LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
Direct Link  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.

104020002 Datasheet(HTML) 5 Page - Seeed Technology Co.,Ltd.

  104020002 Datasheet HTML 1Page - Seeed Technology Co.,Ltd. 104020002 Datasheet HTML 2Page - Seeed Technology Co.,Ltd. 104020002 Datasheet HTML 3Page - Seeed Technology Co.,Ltd. 104020002 Datasheet HTML 4Page - Seeed Technology Co.,Ltd. 104020002 Datasheet HTML 5Page - Seeed Technology Co.,Ltd. 104020002 Datasheet HTML 6Page - Seeed Technology Co.,Ltd. 104020002 Datasheet HTML 7Page - Seeed Technology Co.,Ltd. 104020002 Datasheet HTML 8Page - Seeed Technology Co.,Ltd. 104020002 Datasheet HTML 9Page - Seeed Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
7/23/22, 9:41 PM
Grove - Red LED - Seeed Wiki
https://wiki.seeedstudio.com/Grove-Red_LED/
5/17
Seeeduino
Grove-Red Led
5V
Red
GND
Black
Not Conencted
White
D2
Yellow
Software
Step 1. Copy the code into Arduino IDE and upload.
Step 2. We will see the LED on and off.
Play with Codecraft
Hardware
1
void setup() {
2
// initialize digital pin2 as an output.
3
pinMode(2, OUTPUT);
4
}
5
6
// the loop function runs over and over again forever
7
void loop() {
8
digitalWrite(2, HIGH);
// turn the LED on (HIGH is th
9
delay(1000);
// wait for a second
10
digitalWrite(2, LOW);
// turn the LED off by making
11
delay(1000);
// wait for a second
12 }



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com