Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

104020249 Datasheet(PDF) 3 Page - Seeed Technology Co.,Ltd.

Part # 104020249
Description  Grove - OLED Display 0.96" (SSD1315)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
Direct Link  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.

104020249 Datasheet(HTML) 3 Page - Seeed Technology Co.,Ltd.

  104020249 Datasheet HTML 1Page - Seeed Technology Co.,Ltd. 104020249 Datasheet HTML 2Page - Seeed Technology Co.,Ltd. 104020249 Datasheet HTML 3Page - Seeed Technology Co.,Ltd. 104020249 Datasheet HTML 4Page - Seeed Technology Co.,Ltd. 104020249 Datasheet HTML 5Page - Seeed Technology Co.,Ltd. 104020249 Datasheet HTML 6Page - Seeed Technology Co.,Ltd. 104020249 Datasheet HTML 7Page - Seeed Technology Co.,Ltd. 104020249 Datasheet HTML 8Page - Seeed Technology Co.,Ltd. 104020249 Datasheet HTML 9Page - Seeed Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
7/23/22, 9:53 PM
Grove - OLED Display 0.96" (SSD1315) - Seeed Wiki
https://wiki.seeedstudio.com/Grove-OLED-Display-0.96-SSD1315/
3/11
Parameter
Value
Input voltage
3.3V / 5V
Output Voltage
0 ~ 2.3V
Pixels
128 x 64
Temperature Range
-40℃ ~ +85 ℃
Interface
I2C/Digital
Hardware Overview
[https:// les.seeedstudio.com/wiki/Grove-OLED-Display-
0.96-SSD1315-/img/Grove-OLED-Displey-0.96-SSD1315-
pin.jpgg]
Platforms Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com