Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCSD-05-D-08.00-01-RW-R Datasheet(PDF) 1 Page - Samtec, Inc

Part # HCSD-05-D-08.00-01-RW-R
Description  IDC SOCKET & TERMINAL CABLE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

HCSD-05-D-08.00-01-RW-R Datasheet(HTML) 1 Page - Samtec, Inc

  HCSD-05-D-08.00-01-RW-R Datasheet HTML 1Page - Samtec, Inc HCSD-05-D-08.00-01-RW-R Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(2.54 mm) .100"
HCMD–10–S–03.00–01
WWW.SAMTEC.COM
Due to technical progress, all designs, specifications and components are subject to change without notice.
Mates with:
TSW, MTSW, TST, EW,
BST, ZST, MTLW, TSM,
EJH-02 (HCSD only)
Note:
IDC assemblies are
non-standard, non-returnable.
ROW
OPTION
TYPE
STRIP
(3.30)
.130
(0.51)
.020
(2.54)
.100
(0.64)
.025
SQ
TYP
(5.08)
.200
(2.54)
.100
A
Double
(HCMD)
Single
(HCMS)
No. of Positions x .100 (2.54)
+ .180 (4.57)
(7.87)
.310
REF
(3.30)
.130
(2.54)
.100
(5.08)
.200
(2.54)
.100
Double
(HCSD)
Single
(HCSS)
(0.76)
.030
SQ.
TYP.
No. of Positions x .100 (2.54)
+ .180 (4.57)
(9.53)
.375
REF
S
= Single
D
= Double
(Color coded cable N/A
for 36 pins/row.
See –G option.)
HCM
= Male Strip
IDC SOCKET & TERMINAL CABLE
F-215 (Rev 07DCE15)
Male Plug on one end with socket on other.
Begin part number with HCM.
Socket or Male Plug on each end
Socket or Male Plug on one end
END
ASSEMBLY
NO. PINS
PER ROW
–05, –08,
–10, –12,
–13, –15,
–17, –20,
–25, –36
–S= Single End
ASSEMBLED
LENGTH
Assembled Length in
INCHES (±1/8")
2 inches minimum
–“XX.XX”
= Assembled Length
–D = Double End
–T=Transfer End
LEAD
STYLE
A
–01
(3.05) .120
–02
(5.84) .230
For complete specifications and
recommended PCB layouts
see www.samtec.com?HCSD
or www.samtec.com?HCSS
HCSD, HCSS
Insulator Material:
Black Liquid Crystal Polymer
Flammability Rating:
UL 94V-O
Insulation Resistance:
5000 M
Ω
Temperature Range:
-20°C to +105°C
(Rainbow Cable)
-40°C to +105°C (Gray Cable)
Withstanding Voltage:
1000 VRMS @ 60 Hz
Contact: Phosphor Bronze
Plating: 10µ" (0.25 µm) Au on
contact area, 150µ" (3.81 µm)
Sn on balance over
50µ" (1.27 µm) Ni.
Contact Resistance:
10 m
Ω
Lead Size Range:
.024" (0.61 mm) SQ to
.026" (0.66 mm) SQ
Lead Insertion Depth:
.185" (4.70 mm) to
.250" (6.35 mm)
Insertion Force:
6 oz (1.67 N) average with
.025" (0.64 mm) SQ probe
Withdrawal Force:
3 oz (0.83 N) average with
.025" (0.64 mm) SQ probe
Wire: 28 AWG 7/36 stranded
Tinned Copper
RoHS Compliant: Yes
For complete specifications and
recommended PCB layouts
see www.samtec.com?HCMD
or www.samtec.com?HCMS
HCMD, HCMS
Insulator Material:
Black Liquid Crystal Polymer
Flammability Rating:
UL 94V-O
Insulation Resistance:
5000 M
Ω
Temperature Range:
-20°C to +105°C
(Rainbow Cable)
-40°C to +105°C (Gray Cable)
Withstanding Voltage:
1000 VRMS @ 60 Hz
Terminal: Phosphor Bronze
Plating:
Sn over 50µ" (1.27 µm) Ni
Wire: 28 AWG 7/36 stranded
Tinned Copper
RoHS Compliant: Yes
SPECIFICATIONS
SPECIFICATIONS
HCS
= Socket Strip


Similar Part No. - HCSD-05-D-08.00-01-RW-R

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
HCSD-05-01-N SAMTEC-HCSD-05-01-N Datasheet
231Kb / 2P
IDC SOCKET & TERMINAL CABLE
More results

Similar Description - HCSD-05-D-08.00-01-RW-R

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDC206AS1 DUBILIER-DBCIDC206AS1 Datasheet
167Kb / 1P
IDC IDC CABLE SOCKET
DBCIDC506AS1 DUBILIER-DBCIDC506AS1 Datasheet
71Kb / 1P
IDC IDC CABLE SOCKET 2mm PITCH
DBCIDCA7A26BGA1 DUBILIER-DBCIDCA7A26BGA1 Datasheet
115Kb / 1P
IDC IDC CABLE SOCKET 1.27mm
DBCIDCA3230CGB1 DUBILIER-DBCIDCA3230CGB1 Datasheet
99Kb / 1P
IDC IDC CABLE SOCKET 1.27mm
logo
Samtec, Inc
HCMS-09-D-18.75-01-S SAMTEC-HCMS-09-D-18.75-01-S Datasheet
1Mb / 2P
IDC SOCKET & TERMINAL CABLE
logo
Dubilier
DBCIDCA7A26BGA1 DUBILIER-DBCIDCA7A26BGA1_11 Datasheet
321Kb / 2P
IDC IDC CABLE SOCKET 1.27mm
DBCIDC506AS1 DUBILIER-DBCIDC506AS1_11 Datasheet
119Kb / 1P
IDC IDC CABLE SOCKET 2mm PITCH
DBCIDC206AS1 DUBILIER-DBCIDC206AS1_11 Datasheet
216Kb / 1P
IDC IDC CABLE SOCKET
logo
Adam Technologies, Inc.
2FCS-XX-SG ADAM-TECH-2FCS-XX-SG Datasheet
81Kb / 1P
FLAT CABLE IDC SOCKET
logo
Samtec, Inc
HCSD-05-01-N SAMTEC-HCSD-05-01-N Datasheet
231Kb / 2P
IDC SOCKET & TERMINAL CABLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com