Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AML21CBA3BA Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # AML21CBA3BA
Description  MICRO SWITCH™ Pushbutton Switches Line Guide
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

AML21CBA3BA Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  AML21CBA3BA Datasheet HTML 1Page - Honeywell Solid State Electronics Center AML21CBA3BA Datasheet HTML 2Page - Honeywell Solid State Electronics Center AML21CBA3BA Datasheet HTML 3Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PB Series
Panel area
20,32 mm x 35,56 mm [0.8 in x 1.4 in] max. (behind panel)
Display
8,1 mm [0.32 in] and other button sizes
Colored buttons
available
Mounting
threaded bushing
Termination
solder, H58, quick-connect
Sealing
panel-sealed and hermetic-sealed switches available
Electrical data
2 A to 5 A, 125/250 Vac
Approvals
UL, CSA, some meet MIL-PRF-8805/23
2
sensing.honeywell.com
MICRO SWITCH™ Pushbutton Switches Line Guide
Unlit Pushbutton
Switches
The lineup of the leader.
Line up behind Honeywell
S&C quality and performance,
found in each pushbutton
switch we offer:
Touch feedback:
These
momentary and alternate
action switches offer a
compact size and up to four
poles.
Short travel:
Resembling the
touch-feedback design, these
switches have a flexible leaf
actuator for lower operating
force and shorter button travel.
Panel sealed:
An elastomer
seal is bonded between
actuating plunger and button
collar — a two-piece design
that enables buttons mounting
separately. After wiring, the
unit snaps into place from
behind the panel.
Watertight:
Facenut-to-
panel, button-to-facenut, and
bushing-to-facenut sealing
prevents entry of water from
the back of panels or over
bushing walls. Switch units are
potted in corrosion resistant
metal enclosures.
Hermetically sealed:
These
switch units feature metal-to-
metal fusion around the cover,
actuator base and mounting
holes. Terminals are sealed
glass-to-metal, while vapor-
proof construction enables
use in damp locations without
condensation on contacts.
Miniature size:
These
momentary action switches
offer steel buttons for use
under hinged plates or paddle
levers.
AML Series
MML Series
Panel area
20,5 mm [0.80 in] square, 20,5 mm x 30,5
mm [0.80 in x 1.20 in] rectangular
15 mm x 9,9 mm [0.59 in x 0.39 in] rectan-
gular, 17,8 mm x 12,7 mm [0.70 in x 0.50 in]
rectangular, 9,9 mm [0.39 in] square
Display
15,0 mm [0.59 in] square,
15 mm x 25 mm [0.59 in x 0.99 in] buttons
13 mm x 6,6 mm [0.51 in x 0.26 in] rectangu-
lar, 6,8 mm [0.27 in] square
Illumination
incandescent T-1-3/4 lamps – 6 V, 14 V, 28 V;
leds – 2 V, 4 V, 5 V, 10 V, 15 V
neon lamps – 125 V, 250 V
T-1 – 5 V, 28 V
incandescent T-1-3/4 leds – 2.0 V, 2.5 V, 3.0 V
Behind panel depth
43,1 mm [1.7 in]
17,0 mm [0.67 in]
Mounting
snap-in individual, strip, matrix, sub-panel,
pc board
snap-in individual, strip, sub-panel, pc board,
bezel
Termination
solder, quick-connect, pc board, push-on
solder, quick-connect, printed wiring board
Sealing
optional panel seal
–
Electrical data
electronic control: up to 3 A, 125 Vac
silver contacts: up to 1 A, 125 Vac; 6 A @ 125
Vac, 250 Vac; 2 A @ 30 Vdc; 1 A @ 125 Vdc;
1/10 hp @ 125 Vac
gold contacts: up to 0.25 A, 30 Vdc; UL rating
0.10 A
Approvals
UL, CSA, VDE, and CE (selected products)
UL, CSA
Lit Pushbutton
Switches



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com