Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AML31FBA4AD Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # AML31FBA4AD
Description  Advanced Manual Line
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

AML31FBA4AD Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  AML31FBA4AD Datasheet HTML 1Page - Honeywell Solid State Electronics Center AML31FBA4AD Datasheet HTML 2Page - Honeywell Solid State Electronics Center AML31FBA4AD Datasheet HTML 3Page - Honeywell Solid State Electronics Center AML31FBA4AD Datasheet HTML 4Page - Honeywell Solid State Electronics Center AML31FBA4AD Datasheet HTML 5Page - Honeywell Solid State Electronics Center AML31FBA4AD Datasheet HTML 6Page - Honeywell Solid State Electronics Center AML31FBA4AD Datasheet HTML 7Page - Honeywell Solid State Electronics Center AML31FBA4AD Datasheet HTML 8Page - Honeywell Solid State Electronics Center AML31FBA4AD Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Manual Switches
AML Series
Advanced Manual Line
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
19
AML CHARACTERISTICS
AML 10 Series
AML 20 Series
AML 30 Series
AML 40 Series
Electrical/Mechnical Life*
N/A
Pushbuttons–Momentary
1,000,000
25,000 (silver)/
100,000 (gold)
25,000
---
Pushbuttons–Alternate
25,000
25,000
25,000
---
Rockers
25,000
25,000
25,000
---
Paddles
25,000
25,000
25,000
---
Agency Ratings
(May not apply to every
series division)
UL
File E53576
File E12252
File E12252
File E58932
CSA
File LR4442
File LR4442
File LR4442
File LR4442
VDE
None
File 0630/10.78+
File 0630/10.78++
None
CE
Rating 1710
Rating 1710
No. 4275.5788
No. 4275.5788
*95% Survival
+ Exception: Four-Pole AML’s are not included in VDE Approval
++ Exception: Only the 2-pole AML33 and AML34 are certified by VDE
AML ELECTRICAL DATA
AML10 Series
Electrical Characteristics
Absolute Maximum Rating4
Switching Time
Max.
Output
Leakage
Voltage
Integrated
Supply
Output
Current
Rise
Fall
Supply
Externally
Loads
Circuit
Current
Voltage
max.
10% to
90% to
Voltage
Applied to
to
Storage
Function
(Max.)
(Operated) (Released)
90%
10%
(VS)
Output
Output
Temperature
5 VDC
3.5 mA
+.4 Volt
2.0 µA
1.0µsec 1.0µsec
–.5 to +7.0
–.5 Volt min.
20 mA
–40°Cto
Sinking1
(Released)
(Sinking
(Sinking (Sinking
VDC
+15 Volts max.
(Sinking)
+65°C
6.5mA
8 mA)
8 mA)
8 mA)
0° to +65°C
(Off condition)
(–40° to
(Operated —
(+32° to
+149°F)
no load)
+149°F)
6-16 VDC
6.5 mA @
+.4 Volt
20 µA
1.5µsec 0.5µsec
–1.2 to +20
+20 VDC max. in
40 mA
–40°Cto
Sinking2
6 VDC.
(Sinking
(Sinking (Sinking
VDC
Off condition only
+65°C
10.0 mA @
20mA
20 mA)
20 mA)
–0.5 VDC min. in
(–40° to
16 VDC
max.)
Off or On
+149°F)
(Plus load
condition.
current)3
4.5-24 VDC
Sinking
5V
7.0 mA
(Released)
24 V
9.0 mA
(Released)
14.0 mA
(Operated-
no load)
+.4 Volt
(Sinking
10 mA)
10 µA
1.5 µ sec
(Sinking
10 mA)
0.5 µ sec
(Sinking
10 mA)
–30 to +30
VDC
–0.5 Volt min. +24
Volts max. (Off
condition)
20 mA
(Sinking)
–40−Cto
+65°C (–40°
to +149°F)
1 Over temperature range of 0° to +55°C(+32° to 2 Over temperature range of 0° to +55°C(+32° to 4 As with all solid state components, performance can be
+131°F) and supply voltage of 4.5 to 5.5 VDC.
+131°F) and supply voltage of 16 VDC.
expected to deteriorate as rating limits are approached;
however, they will not be damaged unless the limits are
exceeded.
3 At 24°C. (+75°F)
AML20 Series
Contacts
Voltage
Current
Load Type
Silver
250 VAC
2 Amps
75% Power Factor
or
125 VAC
3 Amps
75% Power Factor
Gold-plated Silver
24 VDC
2 Amps
Resistive
Gold
125 VAC/DC
100 mA
Resistive
AML30 Series
Current
Voltage
Pushbuttons
Rockers or Paddles
Load Type
125 VAC
10 amps
15 amps
60% power factor
250 VAC
10 amps
15 amps
60% power factor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com