Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AML32FBC4AD Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # AML32FBC4AD
Description  Advanced Manual Line
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

AML32FBC4AD Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  AML32FBC4AD Datasheet HTML 1Page - Honeywell Solid State Electronics Center AML32FBC4AD Datasheet HTML 2Page - Honeywell Solid State Electronics Center AML32FBC4AD Datasheet HTML 3Page - Honeywell Solid State Electronics Center AML32FBC4AD Datasheet HTML 4Page - Honeywell Solid State Electronics Center AML32FBC4AD Datasheet HTML 5Page - Honeywell Solid State Electronics Center AML32FBC4AD Datasheet HTML 6Page - Honeywell Solid State Electronics Center AML32FBC4AD Datasheet HTML 7Page - Honeywell Solid State Electronics Center AML32FBC4AD Datasheet HTML 8Page - Honeywell Solid State Electronics Center AML32FBC4AD Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Manual Switches
AML Series
Advanced Manual Line
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
17
IN FRONT OF THE PANEL
Coordinated, attractive appearance.
AML features innovations designed by in-
dustrial designers to achieve the best bal-
ance of human factors and aesthetic ap-
pearance. Operator height, bezel size,
and the compatibility of square and rect-
angular shapes blend with other compo-
nents to harmonize your panel. There’s
no visual clutter to distract from man/
machine communication.
This comprehensive line of lighted and
unlighted manual controls features:
Pushbuttons for high and
intermediate frequency functions;
Rocker and paddle switches, with 2 or
3 positions, for less frequent control
functions;
Plus lighted indicators and
annunciators which complement
AML’s universal appeal.
Various controls can be matched with
their functions to accommodate the most
natural and efficient habit pattern reflex.
Keylock operated switches can be used
to assure ‘‘authorized personnel only’’
access.
Display flexibility. AML offers a choice of
five legend sizes, four button heights, full
or split section display, and illumination
by incandescent lamps, LED’s or neons.
Colors are bright and uniform, providing a
strong definition and good visibility. (Non-
illuminated devices have the same attrac-
tive colors.)
Color display options include:
Transmitted color — color can be
distinguished whether lamp is On or
Off.
Dead front — display appears black,
until illumination causes legend and
color to appear.
Projected color — white display is
diffused with color when illuminated.
BEHIND THE PANEL
AML’s simple, cost effective design pro-
vides many behind-panel benefits for the
designer and installer/user.
Simple to install. They snap in from the
panel front individually or in vertical or
horizontal strips; or in subpanel mounted
strips and matrices that can be pre-as-
sembled and pre-wired to assure accu-
rate alignment and efficient panel build-
ing.
Electrical flexibility. Solid state switches
with Hall effect integrated circuits
interface directly with microprocessors
and other logic level devices. These IC’s
were first applied in MICRO SWITCH solid
state keyboards. Today, many MICRO
SWITCH products incorporate the Hall
effect technology to meet a wide range of
position sensing and manual control
needs.
Electronic control switches with gold or
silver contacts, and 1, 2, or 4 poles, will
handle up to 3 amps. Including an encod-
ed version which generates different bi-
nary coded outputs merely by changing
cam-keyed buttons.
Power duty switches meet line discon-
nect application needs with10-amp push-
buttons and 15-amp paddle and rocker
switches.
Easy to wire. All AML devices present
single level termination. This means fas-
ter, easier, neater, and more economical
wiring. And there is a choice of solder,
quick-connect, push-on, and printed cir-
cuit termination.
MATING RECEPTACLES
The .110 × .020 quick-connect/solder ter-
minal (types 2 and 8) is designed for use
with receptacles that comply with the UL
standard for insertion and withdrawal
forces. Maximum insertion force is 12 lbs.
max., withdrawal force is 14 lbs. These
receptacles are supplied by: AMP Inc.,
Berg, Augat, Hollingsworth, MALCO,
Zierick, and others. Refer to Thomas Reg-
ister or the Yellow Pages for the location
of your local supplier.


Similar Part No. - AML32FBC4AD

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
AML31FBE4AD HONEYWELL-AML31FBE4AD Datasheet
195Kb / 31P
AML11 Solid state pushbutton switches
logo
List of Unclassifed Man...
AML3400 ETC-AML3400 Datasheet
494Kb / 2P
HIGH DEFINITION TOTAL SOLUTION HD A/V PROCESSOR
More results

Similar Description - AML32FBC4AD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM79C031 ETC1-AM79C031 Datasheet
501Kb / 48P
Advanced Subscriber Line Interface Circuit (ASLIC) Device
NUC200LC2AN ETC2-NUC200LC2AN Datasheet
2Mb / 97P
NuMicro NUC200 ??Advanced Line
logo
Wurth Elektronik GmbH &...
810912001 WURTH-810912001 Datasheet
910Kb / 7P
WE-CLFS Line Filter Single-Stage Advanced
001.000
810912003 WURTH-810912003 Datasheet
911Kb / 7P
WE-CLFS Line Filter Single-Stage Advanced
001.000
810912006 WURTH-810912006 Datasheet
911Kb / 7P
WE-CLFS Line Filter Single-Stage Advanced
001.000
810912008 WURTH-810912008 Datasheet
911Kb / 7P
WE-CLFS Line Filter Single-Stage Advanced
001.000
810912010 WURTH-810912010 Datasheet
911Kb / 7P
WE-CLFS Line Filter Single-Stage Advanced
001.000
810912012 WURTH-810912012 Datasheet
911Kb / 7P
WE-CLFS Line Filter Single-Stage Advanced
001.000
810912014 WURTH-810912014 Datasheet
911Kb / 7P
WE-CLFS Line Filter Single-Stage Advanced
001.000
810912020 WURTH-810912020 Datasheet
911Kb / 7P
WE-CLFS Line Filter Single-Stage Advanced
001.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com