Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CFG0612-FX-R005ELF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CFG0612-FX-R005ELF
Description  CFG Series Metal Foil, Wide Terminal Current Sense Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CFG0612-FX-R005ELF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CFG0612-FX-R005ELF Datasheet HTML 1Page - Bourns Electronic Solutions CFG0612-FX-R005ELF Datasheet HTML 2Page - Bourns Electronic Solutions CFG0612-FX-R005ELF Datasheet HTML 3Page - Bourns Electronic Solutions CFG0612-FX-R005ELF Datasheet HTML 4Page - Bourns Electronic Solutions CFG0612-FX-R005ELF Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
n
Wide terminal type
n
Excellent heat dissipation
n
High reliability
n
Metal foil
n
RoHS compliant* and halogen free**
Applications
n
Current sensing
n
Power supplies
n
Stepper motor drives
n
Input amplifiers
CFG Series Metal Foil, Wide Terminal Current Sense Resistor
Electrical Characteristics
Note: 1 watt with total solder pad and trace size of 300 mm2
Characteristic
CFG0612
Power Rating @ 70 °C
1 W
Resistance Value
5 mΩ, 10 mΩ
Operation Temperature Range
-55 ℃ ~ +155 ℃
Temperature Coefficient of Resistance
±100 ppm/°C
Tolerance
±1 %
Insulation Resistance
Over 100 MΩ
Maximum Working Voltage (V)
(P*R)1/2
Reliability Tests
Test Items
Reference Standard
Condition of Test
Test Limits
Temperature Coefficient
of Resistance
IEC60115-1-4.8
JIS-C5201-4.8
+25 °C ~ +125 °C
—
Load Life
IEC60115-1-4.25.1
JIS-C5201-4.25.1
1000 hours at rated power, 70 ℃,
1.5 hours “ON”, 0.5 hour “OFF”
< ±2 %
Short Time Overload
IEC60115-1-4.13
JIS-C5201-4.13
5 X rated power for 5 s
< ±1 %
Moisture no Load
IEC60115-1- 4.24.2.1a)
JIS-C5201- 4.24.2.1a)
85 ℃, 85 %RH, 1000 hrs
< ±2 %
Temperature Cycle
IEC60115-1-4.19
JIS-C5201-4.19
-55 ℃ & +125 ℃, 100 cycle,
15 min per extreme condition
< ±1 %
Resistance to
Soldering Heat
IEC60115-1-4.18
JIS-C5201-4.18
260 ±5 ℃ for 10 ±1 sec
< ±1 %
Solderability
IEC60115-1-4.17
JIS-C5201-4.17
245 ±5 ℃, 2 ±0.5 sec
At least 95 % of surface area
of electrode shall be covered
with new solder
High Temperature
Exposure
IEC60115-1- 4.23.2
JIS-C5201-4.23.2
155 ℃, 1000 hrs
< ±2 %
Low Temperature
Storage
EC60115-1- 4.23.4
JIS-C5201-4.23.4
-55 ℃, 1000 hrs
< ±2 %
Substrate Bending
IEC60115-1-4.33
JIS-C5201-4.33
Bending width 2 mm
< ±1 %
Insulation Resistance
IEC60115-1-4.6
JIS-C5201-4.6
100 V DC for 1 minute
>100 MΩ
Derating Curve
100
80
60
40
20
0
-55
0
70
155
Ambient Temperature (°C)
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br)
and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING Cancer and Reproductive Harm - www.P65Warnings.ca.gov


Similar Part No. - CFG0612-FX-R005ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CFG0612-FX-R005ELF BOURNS-CFG0612-FX-R005ELF Datasheet
580Kb / 5P
Metal Foil, Wide Terminal Current Sense Resistor
CFG0612-FX-R005ELF BOURNS-CFG0612-FX-R005ELF Datasheet
580Kb / 5P
CFG Series Metal Foil, Wide Terminal Current Sense Resistor
More results

Similar Description - CFG0612-FX-R005ELF

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
FCSL64R005JER OHMITE-FCSL64R005JER Datasheet
184Kb / 1P
Metal Foil Current Sense
logo
American Accurate Compo...
LR01R005FM AAC-LR01R005FM Datasheet
103Kb / 1P
METAL FOIL CURRENT SENSE RESISTORS
logo
Ohmite Mfg. Co.
FCSL64R002GER OHMITE-FCSL64R002GER Datasheet
241Kb / 3P
Metal Foil Current Sense
FCSL OHMITE-FCSL Datasheet
526Kb / 2P
Metal Foil Current Sense
FCSL OHMITE-FCSL_18 Datasheet
581Kb / 2P
Metal Foil Current Sense
logo
Bourns Electronic Solut...
CFG BOURNS-CFG Datasheet
580Kb / 5P
Metal Foil, Wide Terminal Current Sense Resistor
CFN BOURNS-CFN Datasheet
464Kb / 5P
Metal Foil, Current Sense Resistor
CRK BOURNS-CRK Datasheet
565Kb / 5P
Metal Strip, Wide Terminal Current Sense Resistor
CFG0612 BOURNS-CFG0612 Datasheet
580Kb / 5P
CFG Series Metal Foil, Wide Terminal Current Sense Resistor
CFN0402 BOURNS-CFN0402 Datasheet
604Kb / 6P
CFN Series Metal Foil, Current Sense Resistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com