Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CFN0805-FX-R030ELF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CFN0805-FX-R030ELF
Description  CFN Series Metal Foil, Current Sense Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CFN0805-FX-R030ELF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CFN0805-FX-R030ELF Datasheet HTML 1Page - Bourns Electronic Solutions CFN0805-FX-R030ELF Datasheet HTML 2Page - Bourns Electronic Solutions CFN0805-FX-R030ELF Datasheet HTML 3Page - Bourns Electronic Solutions CFN0805-FX-R030ELF Datasheet HTML 4Page - Bourns Electronic Solutions CFN0805-FX-R030ELF Datasheet HTML 5Page - Bourns Electronic Solutions CFN0805-FX-R030ELF Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CFN Series Metal Foil, Current Sensing Chip Resistor
Construction
Typical Part Marking
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Code
Resistance
Value
(milliohms)
Model
R005
5
CFN0603
R010
10
CFN0402, 0603, 0805, 1206
R020
20
CFN0402, 0603, 0805, 1206
R030
30
CFN0805
R040
40
CFN1206
Popular Resistance Values*
*Please consult factory for other resistance values.
Model
Resistance
A
L
B
CFN0402
10 ≤ R < 20
0.70
(.027)
1.20
(.047)
0.45
(.018)
CFN0603
10 ≤ R < 20
1.00
(.039)
2.80
(.110)
0.60
(.024)
CFN0805
10 ≤ R < 30
1.40
(.055)
3.20
(.126)
1.20
(.047)
CFN1206
20 ≤ R < 30
1.80
(.071)
4.70
(.185)
1.60
(.063)
R = 40
2.20
(.087)
Recommended Solder Pad Dimensions
L
Cu Trace
B
A
Sensing Trace
DIMENSIONS:
MM
(INCHES)
TOP PROTECTIVE
COATING
SOLDER
COATING
ALUMINA SUBSTRATE
METAL FOIL
BOTTOM PROTECTIVE COATING
NICKEL
UNDERLAY
CFN0402 & CFN0603:
No marking.
CFN0805 & CFN1206:
RESISTANCE CODE:
005 = 5 mΩ
6.5 = 6.5 mΩ
010 = 10 mΩ
020 = 20 mΩ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com