Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST18952 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST18952
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST18952 Datasheet HTML 27Page - STMicroelectronics ST18952 Datasheet HTML 28Page - STMicroelectronics ST18952 Datasheet HTML 29Page - STMicroelectronics ST18952 Datasheet HTML 30Page - STMicroelectronics ST18952 Datasheet HTML 31Page - STMicroelectronics ST18952 Datasheet HTML 32Page - STMicroelectronics ST18952 Datasheet HTML 33Page - STMicroelectronics ST18952 Datasheet HTML 34Page - STMicroelectronics ST18952 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 67 page
background image
31/66
ST18952
9
Timers
There are two timer (TIM) units on the ST18952. The timers enable interrupts to be generated
after predefined periods of time.
Each timer has the following features:
• 16 bits linear timer / 4 bits exponential prescaler
• counting between 16 bits “start value” and 16 bits “end value”
• counting period between 2 cycles and 232 cycles (50ns to 107s for a 40 MHz
D950). Note, 1 cycle = 2 MCLK periods.
• 1 maskable interrupt request
• external counting clock input
• programmable functions:
external / internal clock
up / down counting
continue / stop modes
interrupt enable
When bit 4 of the PICR system register (see Table ) is set to ‘1’, TIM0 interrupt request output
is connected to the ITRQ4 input of the interrupt controller. When bit 5 of the PICR register is
set to ‘1’, TIM1 interrupt request output is connected to the ITRQ5 input of the interrupt
controller. Refer to Chapter 8 for full details on the interrupt controller. After reset, the timers
interrupt outputs are not connected.
Setting the timer enable (TEN) bit of the timer control (TCR) register to ‘1’ starts the timer.
9.1
Timer registers
TCR0-1: Timer control register
The timer control register (TCR) contains timer control information.
(Address = 0058/005C, Reset value = 0000 h, Read/Write)
15
14
13
12
11
10
9876
54
3210
(0)
(0)
(0)
(0)
(0)
(0)
TFP(3:0)
ITCM TIE
TCS
TLE
TUD TEN
Bit
Function
TEN
Timer enable (bit 0)
When TEN = ‘0’, the TIM is disabled.
When TEN = ‘1’, the TIM is started.
Note: the timer must be disabled before the timer registers are configured, otherwise its
behavior is not guaranteed. Once configured it can be enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com