Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST18952X66S Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST18952X66S
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952X66S Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST18952X66S Datasheet HTML 7Page - STMicroelectronics ST18952X66S Datasheet HTML 8Page - STMicroelectronics ST18952X66S Datasheet HTML 9Page - STMicroelectronics ST18952X66S Datasheet HTML 10Page - STMicroelectronics ST18952X66S Datasheet HTML 11Page - STMicroelectronics ST18952X66S Datasheet HTML 12Page - STMicroelectronics ST18952X66S Datasheet HTML 13Page - STMicroelectronics ST18952X66S Datasheet HTML 14Page - STMicroelectronics ST18952X66S Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
11/66
ST18952
SIO
There are two synchronous serial input/output (SIO) ports enable a link to serial devices such
as codecs and to other processors.
Oscillator and PLL
A 27 MHz crystal can be used with the on-chip oscillator and PLL to provide the D950Core
clock input. The PLL module multiplies the oscillator frequency by a factor of 10 and generates
a 270 MHz signal. A programmable divider is connected to the PLL output to generate the
D950 clock input. The division range is 2 to 256.
Emulation unit and JTAG IEEE 1149.1 test access port
The emulation unit (EMU) performs functions dedicated to emulation and test through the
external IEEE 1149.1 JTAG interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com