Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST19RF08 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST19RF08
Description  Smartcard MCU With 8176 Bytes EEPROM for Contactless/Contact Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST19RF08 Datasheet(HTML) 2 Page - STMicroelectronics

  ST19RF08 Datasheet HTML 1Page - STMicroelectronics ST19RF08 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ST19RF08
2/2
HARDWARE DESCRIPTION
The ST19RF08, a member of the ST19 device
family, is a serial access microcontroller especially
designed for very large volume and cost competi-
tive secure portable objects.
The ST19RF08 is based on a STMicroelectronics
8 bit CPU core including on-chip memories: 960
Bytes of RAM, 32 K Bytes of USER ROM and 8 K
Bytes of EEPROM.
RAM, ROM and EEPROM memories can be con-
figured into partitions. Access rules from any
memory partition to another partition are setup by
the user defined Memory Access Control Logic.
It is manufactured using the highly reliable ST sub-
micron technology.
As all other ST19 family members, it is fully com-
patible with the ISO standards for Smartcard appli-
cations:
– ISO7816 for contact operation,
– ISO14443 for contactless operation.
SOFTWARE DEVELOPMENT DESCRIPTION
Software development and firmware (ROM code/
options) generation are completed by the ST16-19
HDSE development system.
Figure 1 Block Diagram
SCP 101c/DS
INTERNAL BUS
RESET
EEPROM
MEMORY ACCESS FIREWALL
CLK
I/O
GND
Vcc
SYSTEM ROM
SECURITY
ADMINISTRATOR
USER
ROM
CLOCK
GENERA-
TOR
MODULE
8 BIT
TIMER
UNPRE-
DICTABLE
NUMBER
GENERATOR
8 BIT
CPU
SERIAL
I/O
INTER-
FACE
SYSTEM ROM
FIREWALL
RF
INTER-
FACE
AC1
AC0
HARDW.
CRC
CALCU-
LATOR
HARDW.
DES
ACCEL-
ERATOR
RAM
960
Bytes
8 K
Bytes
32 K
Bytes



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com