Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AOM-5035L-HD3-LW100-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AOM-5035L-HD3-LW100-R
Description  75 dB signal-to-noise ratio
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AOM-5035L-HD3-LW100-R Datasheet(HTML) 1 Page - PUI audio inc.

  AOM-5035L-HD3-LW100-R Datasheet HTML 1Page - PUI audio inc. AOM-5035L-HD3-LW100-R Datasheet HTML 2Page - PUI audio inc. AOM-5035L-HD3-LW100-R Datasheet HTML 3Page - PUI audio inc. AOM-5035L-HD3-LW100-R Datasheet HTML 4Page - PUI audio inc. AOM-5035L-HD3-LW100-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2021, PUI Audio Inc.
www.puiaudio.com
Data Sheet
AOM-5035L-HD3-LW100-R
PUI Audio’s all-new HD Series microphones use premium-grade MOSFETs and
diaphragms for high sensitivity and superior signal-to-noise ratio. The HD3
microphones incorporate a three-pin design (drain, source and ground) to
reduce self-noise.
Each microphone features GSM buzz-blocking capacitors. Upgrade the ECM
microphone that you use today with a PUI Audio HD Series microphone.
The 6mm diameter AOM-5035L-HD3-LW100-R is an omni-directional
microphone designed for extreme fidelity and focused recording of acoustic
sources on and off-axis from the microphone.
Features:
•
Convenient 100mm lead wires for quick electrical connection
•
-35 dB sensitivity
•
75 dB signal-to-noise ratio
•
Omni-directional pickup pattern
•
Exceptional 135 dB acoustic overload point (AOP)
Specifications
Parameters
Values
Units
Sensitivity (1 kHz @ 50cm)
0 dB=1V/Pa
-35 ±3
dB
Rated Voltage
5V
VDC
Output Impedance (@ 1 kHz)
2.2
kΩ
Current consumption
(5VS with 5.6 kΩ RL)
600
µA
Signal-to-Noise Ratio
(1kHz, 94 dB input, A-weighted)
75
dB
Decreasing Voltage (5V to 4.5V)
-3
dB
Frequency Range
20 ~ 20,000
Hz
Operating Voltage Range
1 ~ 10
VDC
Maximum SPL Input (THD<3%)
135
dB
Directivity
Omni-directional
-
Operating Temperature
-30 ~ +70
°C
Storage Temperature
-40 ~ +85
°C
Weight
<0.5
Grams


Similar Part No. - AOM-5035L-HD3-LW100-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AOM-5024L-HD-R PUIAUDIO-AOM-5024L-HD-R Datasheet
462Kb / 5P
9.7mm diameter
AOM-5024P-HD-MB-R PUIAUDIO-AOM-5024P-HD-MB-R Datasheet
388Kb / 4P
Revised Frequency Range and Temperature
8/2/2023
More results

Similar Description - AOM-5035L-HD3-LW100-R

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX002 CMLMICRO-FX002 Datasheet
112Kb / 7P
Signal to Noise Enhancer
logo
Pasternack Enterprises,...
PE7038-1 PASTERNACK-PE7038-1 Datasheet
228Kb / 3P
0 to 42 dB Toggle Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 1 dB Step Rated To 1 Watt Up To 1 GHz
PE7038-3 PASTERNACK-PE7038-3 Datasheet
228Kb / 3P
0 to 102 dB Toggle Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 1 dB Step Rated To 2 Watts Up To 1 GHz
PE7035-1 PASTERNACK-PE7035-1 Datasheet
254Kb / 3P
0 to 1 dB Rotary Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 0.1 dB Step Rated To 1 Watt Up To 500 MHz
PE7035-2 PASTERNACK-PE7035-2 Datasheet
254Kb / 3P
0 to 10 dB Rotary Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 1 dB Step Rated To 1 Watt Up To 500 MHz
PE7035-3 PASTERNACK-PE7035-3 Datasheet
254Kb / 3P
0 to 70 dB Rotary Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 10 dB Step Rated To 1 Watt Up To 500 MHz
PE7396-16 PASTERNACK-PE7396-16 Datasheet
199Kb / 2P
16 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female 16 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female
logo
List of Unclassifed Man...
2412003A1000 ETC2-2412003A1000 Datasheet
1Mb / 4P
Increased bandwidth and signal-to-noise margin
NP289 ETC2-NP289 Datasheet
1Mb / 4P
Increased bandwidth and signal-to-noise margin
logo
Microchip Technology
MTCH1010 MICROCHIP-MTCH1010 Datasheet
730Kb / 31P
High Signal to Noise Ratio (SNR)
2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com